Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F85 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F85
Description  18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F85 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F85 Datasheet HTML 1Page - Microchip Technology PIC16F85 Datasheet HTML 2Page - Microchip Technology PIC16F85 Datasheet HTML 3Page - Microchip Technology PIC16F85 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2001 Microchip Technology Inc.
Advance Information
DS30574B-page 1
PIC16F85/86
High Performance RISC CPU:
• Only 35 single word instructions to learn
• All single-cycle instructions, except for program
branches which are two-cycle
• Operating speed:
- DC - 20 MHz clock input
- DC - 200 ns instruction cycle
• Up to 2K x 14 FLASH program memory
• 128 x 8 general purpose registers (SRAM)
• 64 x 8 on-chip EEPROM data memory
• Eight levels deep hardware stack
• Interrupt capability
• Direct, Indirect and Relative Addressing modes
Peripheral Features:
• High current sink/source (25 mA/25 mA)
• Timer0 module: 8-bit timer/counter with
8-bit prescaler
• Four channel, 8-bit Analog-to-Digital Converter
(ADC) module
• Two analog comparators with:
- Programmable on-chip voltage reference
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs are externally accessible
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Power saving SLEEP mode
• Selectable oscillator options
• Serial In-Circuit Programming (ICSP™) via two pins
• Only single 5V supply required for programming
• Processor read/write access to program memory
• Brown-out Reset circuitry
• In-Circuit Debug (ICD) via two pins
Pin Diagrams:
• 100,000 erase/write cycle Enhanced FLASH
program memory typical
• 1,000,000 erase/write cycle Data EEPROM
memory typical
• Data EEPROM retention greater than 40 years
CMOS Technology:
• Low power, high speed CMOS FLASH technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Industrial and automotive temperature
• Low power consumption
Packages:
• 18-pin plastic DIP (300 mil)
•18-pin plastic SOIC
• 20-pin plastic SSOP
RA1/AN1
RA0/AN0
OSC1/CLKI
RA6/OSC2/CLKO
VDD
RB7/PGD
RB6/PGC
RB5
RB4
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
MCLR/VPP/RA5
Vss
RB0/INT
RB1
RB2
RB3/PGM
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
18-Pin DIP, SOIC
RB7/PGD
RB6/PGC
OSC1/CLKI
RA6/OSC2/CLKO
VDD
RB5
RB4
RB3/PGM
RB2
RA0/AN0
RA1/AN1
RA4/T0CKI
MCLR/VPP/RA5
Vss
RA2/AN2
RA3/AN3/VREF
RB0/INT
RB1
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
VDD
Vss
10
11
20-Pin SSOP
Device
Program Memory
Data SRAM
(Bytes)
Data
EEPROM
I/O
Timers
Anl
Comp
A/D
BOR
Bytes
# of Single Word
Instructions
PIC16F85
1792
1024
128 x 8
64 x 8
15
1; 8-bit
2
4 ch; 8-bit
Yes
PIC16F86
3584
2048
128 x 8
64 x 8
15
1; 8-bit
2
4 ch; 8-bit
Yes
18/20 Pin, 8-Bit CMOS FLASH Microcontroller
with Comparators and A/D Product Brief


Similar Part No. - PIC16F85

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F818 MICROCHIP-PIC16F818 Datasheet
3Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2004
PIC16F818 MICROCHIP-PIC16F818 Datasheet
2Mb / 178P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
11/29/12 2001-2013
PIC16F818 MICROCHIP-PIC16F818 Datasheet
3Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F818 MICROCHIP-PIC16F818 Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers
09/27/04
PIC16F818 MICROCHIP-PIC16F818 Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
More results

Similar Description - PIC16F85

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C717 MICROCHIP-PIC16C717 Datasheet
2Mb / 200P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
1999
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC16F194X MICROCHIP-PIC16F194X Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
PIC16C717 MICROCHIP-PIC16C717_13 Datasheet
3Mb / 224P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
11/29/12 1999-2013
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
20-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com