Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL4401 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL4401
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL4401 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL4401 Datasheet HTML 1Page - GTM CORPORATION GL4401 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2004/12/17
REVISED DATE :
GL4401
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GL4401 is designed for general purpose switching and amplifier applications.
Features
&Complementary to GL4403
&High Power Dissipation: 1500mW at 25
&High DC Current Gain: 100-300 at 150mA
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
60
V
Collector to Emitter Voltage at Ta=25 :
VCEO
40
V
Emitter to Base Voltage at Ta=25 :
VEBO
5
V
Collector Current at Ta=25 :
IC
600
mA
Total Power Dissipation at Ta=25 :
PD
1.5
W
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA
BVCEO
40
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10uA
ICEX
-
-
100
nA
VCE=35V, VBE= 0.4V
*VCE(sat)1
-
-
400
mV
IC=150mA, IB=15mA
*VCE(sat)2
-
-
750
mV
IC=500mA, IB=50mA
*VBE(sat)1
750
-
950
mV
IC=150mA, IB=15mA
*VBE(sat)2
-
-
1.2
V
IC=500mA, IB=50mA
*hFE1
20
-
-
VCE=1V, IC=0.1mA
*hFE2
40
-
-
VCE=1V, IC=1mA
*hFE3
80
-
-
VCE=1V, IC=10mA
*hFE4
100
-
300
VCE=1V, IC=150mA
*hFE5
40
-
-
VCE=2V, IC=500mA
fT
250
-
-
MHz
VCE=10V, IC=20mA, f=100MHz
Cob
-
-
6.5
pF
VCB=5V, f=1MHz
Classification Of hFE4
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Rank
A
B
Range
100-210
190-300
SOT-223


Similar Part No. - GL4401

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL4401 ETL-GL4401 Datasheet
166Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GL4401

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT4403 GTM-GMBT4403 Datasheet
205Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com