Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9814T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9814T
Description  Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9814T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9814T Datasheet HTML 17Page - NXP Semiconductors TDA9814T Datasheet HTML 18Page - NXP Semiconductors TDA9814T Datasheet HTML 19Page - NXP Semiconductors TDA9814T Datasheet HTML 20Page - NXP Semiconductors TDA9814T Datasheet HTML 21Page - NXP Semiconductors TDA9814T Datasheet HTML 22Page - NXP Semiconductors TDA9814T Datasheet HTML 23Page - NXP Semiconductors TDA9814T Datasheet HTML 24Page - NXP Semiconductors TDA9814T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1998 Feb 09
21
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9814T
Fig.8 Typical video signal levels on output pin 18 (sound carrier off).
handbook, halfpage
1.5 V
1.8 V
2.5 V
white level
black level
sync level
B/G standard
1.5 V
1.8 V
1.95 V
1.65 V
2.5 V
white level
black level
threshold level
threshold level
sync level
L standard
MED864
Fig.9 Typical audio signal-to-noise ratio as a function of input signal at AM standard.
handbook, full pagewidth
100
10
10
50
60
40
20
0
70
30
50
60
70
40
80
90
MED688
30
CCIR-468
(dB)
input voltage (dB
µV)
(1)
(2)
m = 54%.
(1) Signal.
(2) Noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com