Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9820 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9820
Description  Multistandard/dual channel TV FM intercarrier sound demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9820 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9820 Datasheet HTML 4Page - NXP Semiconductors TDA9820 Datasheet HTML 5Page - NXP Semiconductors TDA9820 Datasheet HTML 6Page - NXP Semiconductors TDA9820 Datasheet HTML 7Page - NXP Semiconductors TDA9820 Datasheet HTML 8Page - NXP Semiconductors TDA9820 Datasheet HTML 9Page - NXP Semiconductors TDA9820 Datasheet HTML 10Page - NXP Semiconductors TDA9820 Datasheet HTML 11Page - NXP Semiconductors TDA9820 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Nov 20
8
Philips Semiconductors
Product specification
Multistandard/dual channel TV FM
intercarrier sound demodulator
TDA9820
S
negative slope of free-running frequency
adjustment
R11 =22kΩ−
200
−
kHz/k
Ω
∆f1
negative/positive catching range of PLLs
1.4
1.9
−
MHz
∆f2
negative/positive holding range of PLLs
2.0
3.0
−
MHz
Output amplifiers AF1 (pin 8) and AF2 (pin 7)
VO
DC output voltage
1.8
2.1
2.5
V
Vo(rms)
output signal (RMS value)
0.4
0.5
0.6
V
clipping level
1.2
−−
V
IM
AC peak current
−−
1.5
mA
IO
DC source current
−−
2.0
mA
∆Vo/Vo
absolute drift of AF output signals
Tamb = 0 to 70 °C
−
0.7
−
dB
∆Vo1/∆Vo2 relative drift of AF output signals
Tamb = 0 to 70 °C
−
0.2
−
dB
∆VAF(1-2)
negative/positive difference between
output signals
50
µs de-emphasis
−
0.3
1.0
dB
Ro
output resistance
−
100
150
Ω
αcs(ar)
adjustment range of channel separation
Rs = 1.1 kΩ;
Rpot = 2.2 kΩ
1.5
−−
dB
THD
total harmonic distortion
50
µs de-emphasis
pin 8
−
0.1
0.3
%
pin 7
−
0.25
0.5
%
αAM
AM suppression of AF(1-2)
50
µs de-emphasis;
m = 0.3; fAM = 1 kHz
46
66
−
dB
signal plus noise-to-noise ratio
50
µs de-emphasis;
in accordance with
“CCIR 468-3”
64
68
−
dB
AFresp
LOW-level AF frequency response
∆VAF(1-2) = −3dB
−−
20
Hz
HIGH-level AF frequency response
200
−−
kHz
AMres(rms)
residual sound carrier signal and
harmonics (RMS value)
−
50
80
mV
α
8/7
crosstalk attenuation between
AF outputs
f = 50 to 12500 Hz
60
70
−
dB
RR
supply voltage ripple rejection
VRR < 200 mV;
fr =20Hzto200 kHz
VP =5V
16
20
−
dB
VP =8V
24
28
−
dB
RR
supply voltage ripple rejection with
improved application for VP =5V
fr = 20 Hz to 3 kHz;
see Fig.3 and note 2
VP = 4.5 V
18
24
−
dB
VP = 4.75 V
21
27
−
dB
VP = 5.0 V
24
30
−
dB
VP = 5.5 V
21
27
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
SN
+
N
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com