Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CR05BS-8 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CR05BS-8
Description  Thyristor Low Power Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR05BS-8 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CR05BS-8 Datasheet HTML 1Page - Renesas Technology Corp CR05BS-8 Datasheet HTML 2Page - Renesas Technology Corp CR05BS-8 Datasheet HTML 3Page - Renesas Technology Corp CR05BS-8 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CR05BS-8
Rev.1.00,
Mar.01.2005,
page 2 of 3
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
0.15
A
Average on-state current
IT (AV)
0.1
A
Commercial frequency, sine half wave
180° conduction, Ta = 55°C
Surge on-state current
ITSM
10
A
60Hz sine half wave 1 full cycle,
peak value, non-repetitive
I
2t for fusing
I
2t
0.4
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
0.1
W
Average gate power dissipation
PG (AV)
0.01
W
Peak gate forward voltage
VFGM
6
V
Peak gate reverse voltage
VRGM
6
V
Peak gate forward current
IFGM
0.1
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
11
mg
Typical value
Notes: 1. With gate to cathode resistance RGK = 1 k
Ω.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
0.1
mA
Tj = 125°C, VRRM applied
Repetitive peak off-state current
IDRM
0.1
mA
Tj = 125°C, VDRM applied,
RGK = 1 k
On-state voltage
VTM
1.9
V
Ta = 25°C, ITM = 1.5 A,
instantaneous value
Gate trigger voltage
VGT
0.8
V
Tj = 25°C, VD = 6 V, IT = 0.1 A
Gate non-trigger voltage
VGD
0.2
V
Tj = 125°C, VD = 1/2 VDRM,
RGK = 1 k
Gate trigger current
IGT
20
100
µA
Tj = 25°C, VD = 6 V, IT = 0.1 A
Holding current
IH
3.0
mA
Tj = 25°C, VD = 12 V,
RGK = 1 k
Thermal resistance
Rth (j-a)
500
°C/W
Junction to ambient



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com