Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GQM1555C2DR10WB01 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd

Part # GQM1555C2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10WB01 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555C2DR10WB01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
4-2. Flow Soldering
1. Do not apply flow soldering to chips not listed in Table 2.
Table 2
(Except for Temperature Characteristics:5G)
2. When sudden heat is applied to the components, the mechanical strength of the components will decrease
because a sudden temperature change causes deformation inside the components.
In order to prevent mechanical damage to the components, preheating is required for both of the components and the PCB.
Preheating conditions are shown in table 2.
It is required to keep the temperature differential between the solder and the components surface (ΔT) as low as possible.
3. Excessively long soldering time or high soldering temperature can result in leaching of the terminations,
causing poor adhesion or a reduction in capacitance value due to loss of contact between the inner electrodes and terminations.
4. When components are immersed in solvent after mounting, be sure to maintain the temperature differential (ΔT)
between the component and solvent within the range shown in the table 2.
Recommended Conditions
In the case of repeated soldering, the accumulated
soldering time must be within the range shown above.
Lead Free Solder: Sn-3.0Ag-0.5Cu
5. Optimum Solder Amount for Flow Soldering
5-1. The top of the solder fillet should be lower than the thickness of the components.
If the solder amount is excessive, the risk of cracking is higher during board bending or any other stressful condition.
Soldering Peak
Temperature
250 to 260℃
Atmosphere
Air or N2
[ Allowable Flow Soldering Temperature and Time ]
Item
Lead Free Solder
Preheating Peak
Temperature
100 to 120℃
[ Standard Conditions for Flow Soldering ]
Series
Chip Dimension(L/W) Code
Temperature Differential
GQM
18/21
ΔT≦150℃
GQM1555C2DR10WB01-01A
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com