Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5M160Z Datasheet(PDF) 4 Page - Altera Corporation

Part # 5M160Z
Description  MAX V Device Core
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M160Z Datasheet(HTML) 4 Page - Altera Corporation

  5M160Z Datasheet HTML 1Page - Altera Corporation 5M160Z Datasheet HTML 2Page - Altera Corporation 5M160Z Datasheet HTML 3Page - Altera Corporation 5M160Z Datasheet HTML 4Page - Altera Corporation 5M160Z Datasheet HTML 5Page - Altera Corporation 5M160Z Datasheet HTML 6Page - Altera Corporation 5M160Z Datasheet HTML 7Page - Altera Corporation 5M160Z Datasheet HTML 8Page - Altera Corporation 5M160Z Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
1–2
Chapter 1: MAX V Device Family Overview
Feature Summary
MAX V Device Handbook
May 2011
Altera Corporation
■
I/Os are fully compliant with the PCI-SIG® PCI Local Bus Specification, revision
2.2 for 3.3-V operation
■
Hot-socket compliant
■
Built-in JTAG BST circuitry compliant with IEEE Std. 1149.1-1990
Table 1–1 lists the MAX V family features.
MAX V devices accept 1.8 V on their VCCINT pins. The 1.8-V VCCINT external supply
powers the device core directly. MAX V devices operate internally at 1.8 V. The
supported MultiVolt I/O interface voltage levels (VCCIO) are 1.2 V, 1.5 V, 1.8 V, 2.5 V,
and 3.3 V.
MAX V devices are available in two speed grades: –4 and –5, with –4 being the fastest.
For commercial applications, speed grades –C4 and –C5 are available. For industrial
and automotive applications, speed grade –I5 and –A5 are available, respectively.
These speed grades represent the overall relative performance, not any specific timing
parameter.
f For propagation delay timing numbers within each speed grade and density, refer to
the DC and Switching Characteristics for MAX V Devices chapter.
MAX V devices are available in space-saving FineLine BGA (FBGA), Micro FineLine
BGA (MBGA), plastic enhanced quad flat pack (EQFP), and thin quad flat pack
(TQFP) packages (refer to Table 1–2 and Table 1–3). MAX V devices support vertical
migration within the same package (for example, you can migrate between the
5M570Z, 5M1270Z, and 5M2210Z devices in the 256-pin FineLine BGA package).
Vertical migration means that you can migrate to devices whose dedicated pins and
JTAG pins are the same and power pins are subsets or supersets for a given package
across device densities. The largest density in any package has the highest number of
power pins; you must lay out for the largest planned density in a package to provide
Table 1–1. MAX V Family Features
Feature
5M40Z
5M80Z
5M160Z
5M240Z
5M570Z
5M1270Z
5M2210Z
LEs
40
80
160
240
570
1,270
2,210
Typical Equivalent Macrocells
32
64
128
192
440
980
1,700
User Flash Memory Size (bits)
8,192
8,192
8,192
8,192
8,192
8,192
8,192
Global Clocks
444
44
44
Internal Oscillator
1
1
1
1
1
1
1
Maximum User I/O pins
54
79
79
114
159
271
271
tPD1 (ns) (1)
7.5
7.5
7.5
7.5
9.0
6.2
7.0
fCNT (MHz) (2)
152
152
152
152
152
304
304
tSU (ns)
2.3
2.3
2.3
2.3
2.2
1.2
1.2
tCO (ns)
6.5
6.5
6.5
6.5
6.7
4.6
4.6
Notes to Table 1–1:
(1) tPD1 represents a pin-to-pin delay for the worst case I/O placement with a full diagonal path across the device and combinational logic
implemented in a single LUT and LAB that is adjacent to the output pin.
(2) The maximum global clock frequency, fCNT, is limited by the I/O standard on the clock input pin. The 16-bit counter critical delay will run faster
than this number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com