Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4522-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4522-2
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4522-2 Datasheet HTML 9Page - Analog Devices ADA4522-2 Datasheet HTML 10Page - Analog Devices ADA4522-2 Datasheet HTML 11Page - Analog Devices ADA4522-2 Datasheet HTML 12Page - Analog Devices ADA4522-2 Datasheet HTML 13Page - Analog Devices ADA4522-2 Datasheet HTML 14Page - Analog Devices ADA4522-2 Datasheet HTML 15Page - Analog Devices ADA4522-2 Datasheet HTML 16Page - Analog Devices ADA4522-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2063/LTC2064/LTC2065
13
Rev. C
For more information www.analog.com
Negative Output Overload
Recovery
Negative Output Overload
Recovery
TYPICAL PERFORMANCE CHARACTERISTICS
Positive Input Overload Recovery
Positive Input Overload Recovery
1ms/DIV
VIN
50mV/DIV
VOUT
1V/DIV
2063 G61
VS = ±2.5V
AV = –100
2ms/DIV
VIN
50mV/DIV
VOUT
0.5V/DIV
2063 G62
VS = ±0.9V
AV = –100
200µs/DIV
VIN
1V/DIV
VOUT
1V/DIV
2063 G63
VS = ±2.5V
AV = +1
200µs/DIV
VIN
0.5V/DIV
VOUT
0.5V/DIV
2063 G64
VS = ±0.9V
AV = +1
Negative Input Overload Recovery
Negative Input Overload Recovery
VS = ±2.5V
AV = +1
200µs/DIV
VIN
1V/DIV
VOUT
1V/DIV
2063 G65
VS = ±0.9V
AV = +1
200µs/DIV
VIN
0.5V/DIV
VOUT
0.5V/DIV
2063 G66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com