Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GU88LS02 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GU88LS02
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GU88LS02 Datasheet(HTML) 1 Page - GTM CORPORATION

  GU88LS02 Datasheet HTML 1Page - GTM CORPORATION GU88LS02 Datasheet HTML 2Page - GTM CORPORATION GU88LS02 Datasheet HTML 3Page - GTM CORPORATION GU88LS02 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GU88LS02
Page: 1/4
ISSUED DATE :2006/01/05
REVISED DATE :
G
G U
U 8888L
L S
S 0022
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GU88LS02 used advanced design and process to achieve low gate charge, low on-resistance and fast
switching performance.
The TO-263 package is universally preferred for all commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC converters.
Features
*Low Gate Charge
*Simple Drive Requirement
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.25
1.45
b
0.76
1.00
b2
1.17
1.47
L4
0.00
0.30 B D
8.6
9.0
c
0.36
0.5
e
2.54 REF.
L3
1.50 REF.
L
14.6
15.8
L1
2.29
2.79
0˚
8˚
E
9.80
10.4
L2
1.27 REF.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current, VGS@4.5V
ID @TC=25 :
75
A
Continuous Drain Current, VGS@4.5V
ID @TC=100 :
62.5
A
Pulsed Drain Current1
IDM
350
A
Total Power Dissipation
PD @TC=25 :
96
W
Linear Derating Factor
0.75
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
Rthj-case
1.3
: /W
Thermal Resistance Junction-ambient
Max.
Rthj-amb
62
/
: W
BVDSS
25V
RDS(ON)
5m
ID
75A
Pb Free Plating Product


Similar Part No. - GU88LS02

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GU88L02 GTM-GU88L02 Datasheet
283Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GU88LS02

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com