Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PT7C4050ADE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7C4050ADE
Description  PLL with Integrated VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050ADE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7C4050ADE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
7
Data Sheet
PT7C4050
PLL with Integrated VCXO
AC Characteristics
Sym
Parameter
Test Condition
Min
Typ
Max
Unit
DATAIN
Input NRZ Data Rates
-
0.008
-
65.536
Mb/s
REF-CLK
Input RZ Data and Clock Rates
-
0.008
-
32.768
Mb/s
OUT1
Nominal Output Frequency
CLK-OUT1
-
12.0
-
61.44
MHz
OUT2
Nominal Output Frequency
CLK-OUT2
-
out1
/8192
-
out1
/2
MHz
tR
Rise Time
0.5V to 2.5V
0.5
-
5
ns
tF
Fall Time
2.5V to 0.5V
0.5
-
5
ns
SYM 1
CLK-OUT1
(Symmetry or Duty cycle)
VC = 1.4V
40
-
60
%
SYM 2
CLK-OUT2
(Symmetry or Duty cycle)
VC = 1.4V
45
-
55
%
RCLK
RCLK
(Symmetry or Duty cycle)
VC = 1.4V
40
-
60
%
BW
Control Voltage Bandwidth
-3 dB, VC = 1.65 V
-
25
-
kHz
∆F/∆V C
Sensitivity
VC = Vdd/2
-
-
100
ppm/V
NR
VCXO Negative Resistor
-
-
-
-40
Ohm
OUT1
-75
-
75
ppm from
fo 1
OUT2
Nominal Output Frequency on
Loss of Signal:
CLK-OUT1/2
-
-75
-
75
ppm from
fo 2
Phase Detector Gain
Internal design value
-
-
0.53 x
Data
Density
V/rad
KD
Phase Detector Gain offset
Internal design value,
DATAIN and CLKIN is “0”
degree phase difference,
OP-Amp gain=2/3
-
-
TDB
V
GB
Loop Filter Op-Amp Unity Gain
Band Width
Internal design VALUE.
-
750
-
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com