Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FNP600 Datasheet(PDF) 9 Page - Power-One

Part # FNP600
Description  600-to-5000-Watt Front-End Power Solutions
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP600 Datasheet(HTML) 9 Page - Power-One

Back Button FNP600 Datasheet HTML 5Page - Power-One FNP600 Datasheet HTML 6Page - Power-One FNP600 Datasheet HTML 7Page - Power-One FNP600 Datasheet HTML 8Page - Power-One FNP600 Datasheet HTML 9Page - Power-One FNP600 Datasheet HTML 10Page - Power-One FNP600 Datasheet HTML 11Page - Power-One FNP600 Datasheet HTML 12Page - Power-One FNP600 Datasheet HTML 13Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FEB 12, 2007 revised to FEB 26, 2007
Page 9 of 13
www.power-one.com
FNP600/850/1000 AC-DC Front-Ends
& FNR-5-12/FNR-5-48 Power Shelves Data Sheet
Output Pin Assignments
Signal
Pin Location
Ground Reference
Overtemperature / Fan Fail
U1
Logic Ground (internal 10R connection to AUX Ground)
AC Power Fail Warning
U2
Logic Ground (internal 10R connection to AUX Ground)
Power Supply Present
U3
Logic Ground (internal 10R connection to AUX Ground)
Output Voltage Fault
U4
Logic Ground (internal 10R connection to AUX Ground)
Internal Ground
U5
Internal Ground (external connected with Vsense-)
ADDR0, I
2C Address Bus
T1
Internal Ground (external connected with Vsense-)
ADDR1, I
2C Address Bus
T2
Internal Ground (external connected with Vsense-)
ADDR2, I
2C Address Bus
T3
Internal Ground (external connected with Vsense-)
ADDR3, I
2C Address Bus
T4
Internal Ground (external connected with Vsense-)
ADDR4, I
2C Address Bus
T5
Internal Ground (external connected with Vsense-)
DATA, I
2C Data Line
S1
Logic Ground (internal 10R connection to AUX Ground)
CLOCK, I
2C Clock Line
S2
Logic Ground (internal 10R connection to AUX Ground)
Auxiliary Power +12V
S3
Aux Ground
Auxiliary Power Ground
S4
Aux Ground
Logic Ground
S5
Logic Ground (internal 10R connection to AUX Ground)
Output Enable
1
R1
Logic Ground (internal 10R connection to AUX Ground)
Vsense+
R2
Vsense-
Vsense-
R3
Vsense-
Output Margin
R4
Vsense-
Reserve
R5
Vsense-
Vout+
P1, P2, P3
Vsense-
Vout-
P4, P5, P6
Vsense-
1 Short pin length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com