Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2940 Datasheet(PDF) 7 Page - Sipex Corporation

Part # AS2940
Description  1A Low Dropout Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2940 Datasheet(HTML) 7 Page - Sipex Corporation

  AS2940 Datasheet HTML 1Page - Sipex Corporation AS2940 Datasheet HTML 2Page - Sipex Corporation AS2940 Datasheet HTML 3Page - Sipex Corporation AS2940 Datasheet HTML 4Page - Sipex Corporation AS2940 Datasheet HTML 5Page - Sipex Corporation AS2940 Datasheet HTML 6Page - Sipex Corporation AS2940 Datasheet HTML 7Page - Sipex Corporation AS2940 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. 10/11/00
AS2940
ELECTRICAL CHARACTERISTICS VIN = VO + 5V, IO =1A, CO = 22 µF, unless otherwise specified.
Low Voltage Behavior
INPUT VOLTAGE (V)
6.0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
I
O = 1A
T
J = 25 °C
V
O = 5V
Low Voltage Behavior
INPUT VOLTAGE (V)
10
8
6
4
2
0
6
10
14
I
O = 1A
T
J = 25 °C
V
O = 8V
4
8
2
0
12
12
14
Low Voltage Behavior
INPUT VOLTAGE (V)
12
918
6
3
0
9
18
I
O = 1A
T
J = 25 °C
V
O = 9V
6
12
0
3
15
15
Low Voltage Behavior
INPUT VOLTAGE (V)
12
918
6
3
0
9
18
I
O = 1A
T
J = 25 °C
V
O = 10V
6
12
0
3
15
15
Low Voltage Behavior
INPUT VOLTAGE (V)
10
8
6
4
2
0
6
10
14
I
O = 1A
T
J = 25 °C
V
O = 12V
4
8
2
0
12
12
14
Low Voltage Behavior
INPUT VOLTAGE (V)
12
918
6
3
0
9
18
I
O = 1A
T
J = 25 °C
V
O = 15V
6
12
0
3
15
15
Output at Voltage Extremes
INPUT VOLTAGE (V)
20
10
0
-10
-20
-30
6
12
R
L = 100 Ω
V
O = 5V
4
8
2
0
10
30
40
-2
Output at Voltage Extremes
INPUT VOLTAGE (V)
20
10
0
-10
-20
-30
8
20
R
L = 100 Ω
V
O = 8V
4
12
0
-4
16
30
40
Output at Voltage Extremes
INPUT VOLTAGE (V)
20
10
0
-10
-20
-30
8
20
R
L = 100 Ω
V
O = 9V
4
12
0
-4
16
30
40
Output at Voltage Extremes
INPUT VOLTAGE (V)
20
10
0
-10
-20
-30
10
25
R
L = 100 Ω
V
O = 10V
5
15
0
-5
20
30
40
Output at Voltage Extremes
INPUT VOLTAGE (V)
20
10
0
-10
-20
-30
8
20
R
L = 100 Ω
V
O = 12V
4
12
0
-4
16
30
40
Output at Voltage Extremes
INPUT VOLTAGE (V)
20
10
0
-10
-20
-30
10
25
R
L = 100 Ω
V
O = 15V
5
15
0
-5
20
30
40
TEMPERATURE ( °C)
Peak Output Current
3.0
-40
0
40
80
120
160
0
1.0
2.0
V
IN = 14V
Output Capacitor ESR
OUTPUT CURRENT (mA)
1000
800
600
400
0
200
0.01
0.1
1
10
100
C
OUT = 22 µF
V
O = 5V
STABLE
REGION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com