Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS3105 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 35Page - Maxim Integrated Products DS3105 Datasheet HTML 36Page - Maxim Integrated Products DS3105 Datasheet HTML 37Page - Maxim Integrated Products DS3105 Datasheet HTML 38Page - Maxim Integrated Products DS3105 Datasheet HTML 39Page - Maxim Integrated Products DS3105 Datasheet HTML 40Page - Maxim Integrated Products DS3105 Datasheet HTML 41Page - Maxim Integrated Products DS3105 Datasheet HTML 42Page - Maxim Integrated Products DS3105 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
39 of 110
same timing card. The expected timing of the SYNCn signal with respect to the sampling clock can be adjusted
from 0.5 cycles early to 1 cycle late using the FSCR2:PHASEn[1:0] field.
7.9.2
Resampling
The SYNCn signal is then resampled by an internal clock derived from the T0 DPLL. The resampling resolution is a
function of the frequency of the selected reference and FSCR2:OCN. When OCN=0, the resampling resolution is
6.48 MHz, which gives the highest sampling margin and also aligns clocks at 6.48 MHz and multiples thereof.
When OCN=1, if the selected reference is 19.44 MHz then the resampling resolution is 19.44 MHz. If the selected
reference is 38.88 MHz then the resampling resolution is 38.88 MHz. The selected reference must be either 19.44
MHz or 38.88 MHz.
7.9.3
Enable
The SYNCn signal is only allowed to align output clocks if the T0 DPLL is locked and the SYNCn signal is enabled
and qualified.
When FSCR3:SOURCE[3:0] != 11XX, external frame sync on the SYNC1 pin can be enabled automatically or
manually. When MCR3:AEFSEN=1, external frame sync is enabled automatically when EFSEN=1 and the T0
DPLL is locked to the input clock specified by FSCR3:SOURCE[3:0]. When AEFSEN=0, external frame sync is
enabled manually when MCR3:EFSEN=1 and disabled when EFSEN=0. In manual mode when EFSEN=1,
FSCR3:SOURCE[3:0] is ignored and external frame sync is always enabled regardless of which input clock is the
selected reference.
When FSCR3:SOURCE[3:0] = 11XX, external frame sync from the SYNCn pins can be enabled when EFSEN=1
and the associated input clock becomes the selected reference. MCR3:AEFSEN can be used to automatically
disable EFSEN when the selected reference changes. See section 7.9.2.
7.9.4
Qualification
The SYNCn signal is qualified when it has consistent phase and correct frequency. Specifically, it is qualified when
its significant edge has been found at exact 2 kHz boundaries (when resampled as described above) for 64 cycles
in a row. It is disqualified when one significant edge is not found at the 2 kHz boundary. If there is no SYNCn signal
or a bad SYNCn signal, and external frame sync is enabled, the SYNCn signal will never get qualified and the 2
kHz output will simply free-run at its current 2 kHz alignment.
7.9.5
Output Clock Alignment
When the T0 DPLL is locked, external frame sync is enabled and the SYNCn signal is qualified, the SYNCn signal
can be used to falling-edge align the T0 DPLL derived output clocks. Output clocks FSYNC and MFSYNC share a
2-kHz alignment generator, while the rest of the T0 DPLL derived output clocks share a second 2-kHz alignment
generator. When external frame sync is not enabled or the SYNCn signal is not qualified, these 2-Hz alignment
generators free-run with their existing 2-kHz alignments. When external frame sync is enabled and the SYNCn
signal is qualified, the FSYNC/MFSYNC 2-kHz alignment generator is always synchronized by SYNCn, and
therefore FSYNC and MFSYNC are always falling-edge aligned with SYNCn. When FSCR2:INDEP=0, the T0
DPLL 2-kHz alignment generator is also synchronized with the FSYNC/MFSYNC 2-kHz alignment generator to
falling-edge align all T0-derived output clocks with SYNCn. When INDEP=1, the T0 DPLL 2-kHz alignment
generator is not synchronized with the FSYNC/MFSYNC 2-kHz alignment generator and continues to free-run with
its existing 2-kHz alignment. This avoids any disturbance on the T0 DPLL derived output clocks when SYNCn has
a change of phase position.
7.9.6
Frame Sync Monitor
The frame sync monitor signal OPSTATE:FSMON operates in two modes, depending on the setting of the enable
bit (MCR3:EFSEN).
When EFSEN = 1 (external frame sync enabled) the OPSTATE:FSMON bit is set when SYNCn is not qualified and
cleared when SYNCn is qualified. If SYNCn is disqualified then both 2 kHz alignment generators are immediately
disconnected from SYNCn to avoid phase movement on the T0-derived outputs clocks. When OPSTATE:FSMON
is set, the latched status bit MSR3:FSMON is also set, which can cause an interrupt if enabled in the IER3 register.
If SYNCn immediately stabilizes at a new phase and proper frequency, then it is requalified after 64 2 kHz cycles
(nominally 32 ms). Unless system software intervenes, after SYNCn is requalified the 2 kHz alignment generators
will synchronize with SYNCn’s new phase alignment, causing a sudden phase movement on the output clocks.
System software can avoid this sudden phase movement on the output clocks by responding to the FSMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com