Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R100 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 45Page - STMicroelectronics ST25R100 Datasheet HTML 46Page - STMicroelectronics ST25R100 Datasheet HTML 47Page - STMicroelectronics ST25R100 Datasheet HTML 48Page - STMicroelectronics ST25R100 Datasheet HTML 49Page - STMicroelectronics ST25R100 Datasheet HTML 50Page - STMicroelectronics ST25R100 Datasheet HTML 51Page - STMicroelectronics ST25R100 Datasheet HTML 52Page - STMicroelectronics ST25R100 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
5.13.31
NRT GPT configuration register
Address: 1Eh
Type: RW
Domain: RD
Table 46. NRT GPT configuration register
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
gptc2
0
Defines the GPT trigger source (see Table 47)
-
5
gptc1
0
4
gptc0
0
3
RFU
0
-
-
2
RFU
0
-
-
1
nrt_emd
0
0: Normal mode of NRT
1: EMD mode of NRT
When enabled, NRT produces an IRQ when it expires
independent of the reception.
0
nrt_step
0
0: 64/fc (4.72 μs)
1: 4096/fc (~302 μs)
-
Table 47. GPT trigger sources
gptc<2:0>
gptc2
gptc1
gptc0
Trigger source
0
0
0
0
No trigger source
1
0
0
1
Starts at the end of reception (RXE)
2
0
1
0
Starts at start of reception (RXS)
3
0
1
1
Starts at end of transmission (TXE)
Other combinations
RFU
Note:
The GPT timer can always be started manually by execution of the direct command start GPT.
5.13.32
No-response timer register 1
Address: 1Fh
Type: RW
Domain: RD
Table 48. No-response timer register 1
Bit Name Default
Function
Comment
7
nrt15
0
No-response timer definition MSB
nrt_step = 0:
•
Step: 64 / fc (4.72 μs)
•
Range: 64 / fc (~4.72 μs) to 16320 / fc
(~309.3 ms)
nrt_step = 1:
•
Step: 4096 / fc (302 μs)
•
Range: 4096 / fc (~302 μs) to 268431360 / fc
(~19.8 s)
Defines the timeout after the end of transmission
until when the reception may start.
In case this timeout expires without detecting a
response, a I_nre IRQ is produced.
When nrt_emd=1 the IRQ is produced regardless
of the reception.
In case nrt<15:0>=0 the NRT is not started.
6
nrt14
0
5
nrt13
0
4
nrt12
0
3
nrt11
0
2
nrt10
0
1
nrt9
0
0
nrt8
0
ST25R100
Application information
DS14139 - Rev 5
page 49/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com