Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 2 Page - STMicroelectronics

  STSAFE-A120 Datasheet HTML 1Page - STMicroelectronics STSAFE-A120 Datasheet HTML 2Page - STMicroelectronics STSAFE-A120 Datasheet HTML 3Page - STMicroelectronics STSAFE-A120 Datasheet HTML 4Page - STMicroelectronics STSAFE-A120 Datasheet HTML 5Page - STMicroelectronics STSAFE-A120 Datasheet HTML 6Page - STMicroelectronics STSAFE-A120 Datasheet HTML 7Page - STMicroelectronics STSAFE-A120 Datasheet HTML 8Page - STMicroelectronics STSAFE-A120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
•
Random number generator
–
Random number generator with NIST SP 800-90B compliant entropy source
•
Latest generation of highly secure MCUs
–
Unique serial number on each die
–
CC EAL5+ AVA_VAN.5, and ALC_DVS.2 Common Criteria certified
–
Active shield
–
Monitoring of environmental parameters
–
Protection mechanism against fault injection
–
Protection against side-channel attacks
Hardware characteristics
•
16 Kbytes of configurable nonvolatile memory
–
25 years of data retention at 25°C
–
500 000 erase/write cycle endurance at 25°C
•
2.7 V to 5.5 V continuous supply voltages
•
Operating temperature: -40°C to +105°C
Communication protocol
•
I²C - bus slave interface
–
Up to 400 kbps transmission speed (Fast mode)
–
7-bit addressing
Packages
•
ECOPACK-compliant SO8N 8-lead plastic small outline package and UFDFPN 8-lead ultrathin profile fine
pitch dual flat package.
STSAFE-A120
DS14609 - Rev 1
page 2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com