Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP196 Datasheet(PDF) 6 Page - Analog Devices

Part # OP196
Description  Micropower Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP196 Datasheet HTML 2Page - Analog Devices OP196 Datasheet HTML 3Page - Analog Devices OP196 Datasheet HTML 4Page - Analog Devices OP196 Datasheet HTML 5Page - Analog Devices OP196 Datasheet HTML 6Page - Analog Devices OP196 Datasheet HTML 7Page - Analog Devices OP196 Datasheet HTML 8Page - Analog Devices OP196 Datasheet HTML 9Page - Analog Devices OP196 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OP196/OP296/OP496–Typical Performance Characteristics
REV.
–6–
INPUT OFFSET VOLTAGE –
V
200
150
100
50
0
250
–250
250
–200 –150 –100
–50
0
50
100
150
200
VS = 3V
TA = 25 C
COUNT = 400
TPC 1. Input Offset Voltage Distribution
200
150
100
50
0
250
–250
250
–200 –150 –100
–50
0
50
100
150
200
VS = 5V
TA = 25 C
COUNT = 400
INPUT OFFSET VOLTAGE –
V
TPC 2. Input Offset Voltage Distribution
INPUT OFFSET VOLTAGE –
V
200
150
100
50
0
250
–250
250
–200 –150 –100
–50
0
50
100
150
200
VS = 12V
TA = 25 C
COUNT = 400
TPC 3. Input Offset Voltage Distribution
INPUT OFFSET DRIFT, TCVOS – V/ C
20
15
10
5
0
25
–4.0
1.0
–3.5
–3.0
–2.5
–2.0 –1.5
–1.0
–0.5
0
0.5
VS = 5V
VCM = 2.5V
TA = –40 C TO 125 C
TPC 4. Input Offset Voltage Distribution (TCVOS)
INPUT OFFSET DRIFT, TCVOS – V/ C
20
15
10
5
0
25
–4.0
1.0
–3.5 –3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5
VS = 12V
VCM = 6V
TA = –40 C TO 125 C
1.5
TPC 5. Input Offset Voltage Distribution (TCVOS)
TEMPERATURE – C
600
400
–400
–75
150
–50
–25
0
25
50
75
100
125
200
0
–200
3V
VS
12V
VCM =
VS
2
TPC 6. Input Offset Voltage vs. Temperature
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com