Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ECDT25 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECDT25
Description  DTCXO Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECDT25 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECDT25 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM DTCXO Crystal Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECDT25
Parameter
ECDT25A
ECDT25AH
Frequency Range
1 to 20.0MHz
20 to 70.0MHz
Specify
Frequency
Stability
+/-0.3ppm
0
0C to +500C
(A)
+/-1ppm
0
0C to +500C
(B)
+/-2ppm
0
0C to +500C
(C)
+/-3ppm
0
0C to +500C
(D)
+/-0.3ppm -10
0C to +600C
(E)
+/-1ppm
-10
0C to +600C
(F)
+/-2ppm
-10
0C to +600C
(G)
+/-3ppm
-10
0C to +600C
(H)
+/-1ppm
-20
0C to +700C
(I)
+/-2ppm
-20
0C to +700C
(J)
+/-3ppm
-20
0C to +700C
(K)
Specify
Output
HCMOS
AHCMOS
Specify
Supply Current
10mA max
30mA max
Rise & Fall Times
5nS
3nS
Symmetry
55/45
55/45
Duty Cycle
Supply Voltage
5.0V
5.0V
Adjustment
(Internal Trimmer)
+/-10ppm
+/-10ppm
§ Digitally Compensated
§ High Stability
§ Low Current
§ European Manufacture
A
B
C
D
E
F
G
H
I
25
15
10
15.24
7.62
7.5
3.0
3.0
0.5
Dimmensions in mm
Pin
1
7
8
14
Connection
NC
GND
O/P
Vcc
Part Numbering: ECDT25 H 10.00 A
Type
Output
Frequency
Stability


Similar Part No. - ECDT25

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECDT-20-30.000M-GA ECLIPTEK-ECDT-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECDT-20-30.000M-GTR ECLIPTEK-ECDT-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECDT-20-30.000M-I2A ECLIPTEK-ECDT-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECDT-20-30.000M-I2TR ECLIPTEK-ECDT-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
ECDT-20-30.000M-L2A ECLIPTEK-ECDT-20-30.000M-L2A Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECDT25

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com