Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2400AVBA0ES Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 17Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 18Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 19Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 20Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 21Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 22Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 23Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 24Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
From any
Mx state
VBOS < VBOS_por
Or VDIG < VDIG_por
Or VDIG > VDIG_ov
VBOS_LP enabled
VBOS_HP disabled
VBOS_LP enabled
VBOS_HP disabled
Mode = Start HP Analog (M2)
Or Mode = Fail Safe (M30)
HP Analog enabled
And Mode ! =
(LPOFF or LPON)
(M18 or M16)
Mode = LPOFF
Or Mode = Fail Safe (M30)
Or (Mode = LPON (M16) and VBOS2V1_SW_LP_EN_OTP = 0)
Mode = M13 and Go2LPON_latch = 1 and
VBOS2V1_SW_LP_EN_OTP = 1
Legend: Blue: Device action, Black: Device state
VBOS_LP enabled
VBOS_HP disabled
VBOS = V1 (switch closed)
BOS_1
VBOS_LP
BOS_2
VBOS_HP
BOS_3
VBOS_V1
aaa-046841
Figure 15. Simplified VBOS state diagram
7.7.2 Best of supply (BOS) electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = VSUP_UVH to 40 V, unless otherwise specified. All voltages
referenced to ground."
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
Best of supply high-power output voltage
-
5
-
V
VBOS
Best of supply low-power output voltage
(when not connected to V1 HVBUCK
regulator)
-
4.7
-
V
VBOS_UV
VBOS undervoltage threshold in Normal
mode
3.2
3.3
3.4
V
VBOS_POR_UVL
VBOS power-on reset threshold on falling
edge
2.5
2.65
2.8
V
VBOS_POR_UVH
VBOS power-on reset threshold on rising
edge
2.9
3.05
3.2
V
VBOS_HP_DROP
Maximum VBOS_HP dropout voltage
(VSUP = 4 V, IBOS = 5 mA, VBOS = 3.4 V)
-
-
600
mV
VBOS_SW_V1
VBOS to V1 switch dropout voltage
(V1 = 3.3 V, IBOS = 5 mA)
-
-
200
mV
Dynamic electrical characteristics
TBOS_UV
VBOS_UV filtering time
0.13
1
3.1
μs
TBOS_POR
VBOS_POR filtering time
0.13
1
3.1
μs
Table 6. Best of supply electrical characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
21 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com