Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS44600 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 44Page - Cirrus Logic CS44600 Datasheet HTML 45Page - Cirrus Logic CS44600 Datasheet HTML 46Page - Cirrus Logic CS44600 Datasheet HTML 47Page - Cirrus Logic CS44600 Datasheet HTML 48Page - Cirrus Logic CS44600 Datasheet HTML 49Page - Cirrus Logic CS44600 Datasheet HTML 50Page - Cirrus Logic CS44600 Datasheet HTML 51Page - Cirrus Logic CS44600 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
48
DS633F1
CS44600
7. REGISTER DESCRIPTION
All registers are read/write except for I.D. and Revision Register, Interrupt Status and Decimator OutD registers
which are read only. See the following bit definition tables for bit assignment information. The default state of each
bit after a power-up sequence or reset is listed in each bit description.
7.1
Memory Address Pointer (MAP)
Not a register
7.1.1
Increment (INCR)
Default = 1
Function:
memory address pointer auto increment control
–
0 - MAP is not incremented automatically.
–
1 - Internal MAP is automatically incremented after each read or write.
7.1.2
Memory Address Pointer (MAPx)
Default = 0000001
Function:
Memory address pointer (MAP). Sets the register address that will be read or written by the control port.
7.2
CS44600 I.D. and Revision Register (address 01h) (Read Only)
7.2.1
Chip I.D. (Chip_IDx)
Default = 1101
Function:
I.D. code for the CS44600. Permanently set to 1101.
7.2.2
Chip Revision (Rev_IDx)
Default = 0001
Function:
CS44600 revision level. Revision A is coded as 0001.
76
54
32
10
INCR
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0
76
54
32
10
CHIP_ID3
CHIP_ID2
CHIP_ID1
CHIP_ID0
REV_ID3
REV_ID2
REV_ID1
REV_ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com