Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM4328-PI Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM4328-PI
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328-PI Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM4328-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 43Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
29
Pin Name
Type
Pin
No.
Function
the RSCLKR bit in the DS3 Master Unchannelized
Interface Options register. By default RDATO will be
updated on the falling edge of RGAPCLK or RSCLK.
This signal shares a signal pin with ID[1] and MVID[1].
This signal will be RDATO only when enabled for
unchannelized DS3 operation.
RFPO/RMFPO
Output AB5 Framer Receive Frame Pulse/Multi-frame Pulse
(RFPO/RMFPO). RFPO/RMFPO is valid when the
TECT3 is configured to be in framer only mode by
setting the OPMODE[1:0] bits in the Global
Configuration register.
RFPO is aligned to RDATO and indicates the position
of the first bit in each DS3 M-subframe.
RMFPO is aligned to RDATO and indicates the
position of the first bit in each DS3 M-frame. This is
selected by setting the RXMFPO bit in the Master
Framer Configuration Registers.
RFPO/RMFPO is updated on either the falling or rising
edge of RSCLK depending on the setting of the
RSCLKR bit in the DS3 Master Unchannelized
Interface Options register.
This signal shares a signal pin with IFP[1]. When
enabled for unchannelized DS3 operation this signal
will be RFPO/RMFPO, otherwise it will be IFP[1].
ROVRHD
Output Y6
Framer Receive Overhead (ROVRHD). ROVRHD is
valid when the TECT3 is configured as a DS3 framer
by setting the OPMODE[1:0] bits in the Global
Configuration register.
ROVRHD will be high whenever the data on RDATO
corresponds to an overhead bit position. ROVRHD is
updated on the either the falling or rising edge of
RSCLK depending on the setting of the RSCLKR bit in
the DS3 Master Unchannelized Interface Options
register.
This signal shares a signal pin with ID[2] and
CASID[1]. This signal will be ROVRHD only when
enabled for unchannelized DS3 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com