Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TST10102C Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TST10102C
Description  10A, 100V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TST10102C Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TST10102C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TST10102C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TST10102C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TST10102C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TST10102C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TST10102C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TST10102C
Taiwan Semiconductor
5
Version: A2405
PACKAGE OUTLINE DIMENSIONS
TO-220AB
GYWWF
TST10102C
G
YWW
F
= Green compound
= Date code
= Factory code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com