Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1582U Datasheet(PDF) 4 Page - Sipex Corporation

Part # AS1582U
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS1582U Datasheet(HTML) 4 Page - Sipex Corporation

  AS1582U Datasheet HTML 1Page - Sipex Corporation AS1582U Datasheet HTML 2Page - Sipex Corporation AS1582U Datasheet HTML 3Page - Sipex Corporation AS1582U Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 10/2/00
AS1582
TYPICAL APPLICATION
AS1582
SENSE
ADJ
V
IN
V
CTRL
R1
124
C4
2 X 330uF
C2
10uF
C1
330uF
5V
V
CTRL
3.3V
V
IN
C3
.033uF
(1) V
CTRL needed when VIN < 5V.
(2) V
OUT = VREF (1 + R2/ R1) + I ADJ R2.
(3) V
REF is measured across adjust to sense.
2.5V
V
OUT
R2
124 Ω
V
OUT
Fig. 1 Adjustable Regulator
AS1582
SENSE
GND
V
IN
V
CTRL
C4
2 X 330uF
C2
10uF
C1
330uF
5V
V
CTRL
3.3V
V
IN
(1) VCTRL is needed when VIN <5V.
Fig.2 Typical Fixed Regulator
2.5V
V
OUT
V
OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com