Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LX5501ASE Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5501ASE
Description  InGAP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5501ASE Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5501ASE Datasheet HTML 1Page - Microsemi Corporation LX5501ASE Datasheet HTML 2Page - Microsemi Corporation LX5501ASE Datasheet HTML 3Page - Microsemi Corporation LX5501ASE Datasheet HTML 4Page - Microsemi Corporation LX5501ASE Datasheet HTML 5Page - Microsemi Corporation LX5501ASE Datasheet HTML 6Page - Microsemi Corporation LX5501ASE Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LX5501A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2004
Rev. 1.1, 2005-07-14
InGAP HBT Gain Block
TM
®
DESCRI PTI O N
This general-purpose amplifier is a
low cost, broadband RFIC manu-
factured with an InGaP/GaAs Hetero-
junction Bipolar Transistor (HBT)
process (MOCVD).
Designed as an easily cascadable 50-
ohm internally matched gain block, the
LX5501A can be used for IF and RF
amplification in wireless / wired voice
and data communication products as
well as in broadband test equipment
operating up to 6 GHz.
The amplifier is available in a plastic
5-lead SOT-23 package.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Advanced InGaP HBT
DC to 6 GHz Operation
Single Supply
Low Idle Current (10 - 35 mA)
Small Signal Gain ~ 11 dB at 6
GHz
P1dB ~ 11 dBm at 6 GHz
SOT-23 Package
APPLI C ATION S
PA driver for WLAN and
Cordless Phones.
VCO buffer.
Low Current, High Gain
Cascaded Amplifiers.
PRODUCT H I GHLIGHT
Fully characterized for 5v operation (with external
bias resistor).
Input and output matched to 50 ohms for ease of
cascading.
Cascaded gain blocks can be individually biased
for the lowest supply current.
C1
C2
L1
C3
C4
VCC
OUT
IN
LX5501A
35
1
2
4
Rext
PACKAGE ORDER I N FO
SE
Plastic SOT-23
5 pin
TA(°C)
RoHS Compliant / Pb-free
Transition DC: 0503
-40 to +85°C
LX5501ASE
Note: Available in Tape & Reel. Append the letters “TR” to the part
number. (i.e. LX5501ASE-TR)


Similar Part No. - LX5501ASE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5501B MICROSEMI-LX5501B Datasheet
149Kb / 6P
InGAP HBT Gain Block TM
LX5501BSE MICROSEMI-LX5501BSE Datasheet
149Kb / 6P
InGAP HBT Gain Block TM
More results

Similar Description - LX5501ASE

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com