Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAM-55G0 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CAM-55G0
Description  VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CAM-55G0 Datasheet(HTML) 2 Page - STMicroelectronics

  CAM-55G0 Datasheet HTML 1Page - STMicroelectronics CAM-55G0 Datasheet HTML 2Page - STMicroelectronics CAM-55G0 Datasheet HTML 3Page - STMicroelectronics CAM-55G0 Datasheet HTML 4Page - STMicroelectronics CAM-55G0 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Figure 1. Common connector to all ST promodules
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
GND
VCORE_1V15
XSHUTDOWN
GND
DATA 1P
DATA 1N
GND
CLKP
CLKN
GND
DATA 2P
DATA 2N
GND
CLKIN
GND
VANA_2V8
GND
VDDIO_1V8
GPIO0
GPIO1
GPIO2
GPIO3
NC
NC
GND
SCL
SDA
GND
NC
NC
Table 1. Evaluation & development setup with CAM-55G0 promodules
Setup for embedded platforms with MIPI CSI-2 output
Setup for computer with USB output
CAM-55G0 promodule + P-Board
CAM-55G0 promodule + EVK main
CAM-55G0
DB5266 - Rev 1
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com