Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT74FCT621T Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT621T
Description  FAST CMOS OCTAL BUS TRANSCEIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT621T Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT621T_06 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT621T_06 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT621T_06 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT621T_06 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT621T_06 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT621T_06 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT621T/AT
FASTCMOSOCTALBUSTRANSCEIVER(OPENDRAIN)
1
JUNE 2006
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2006 Integrated Device Technology, Inc.
DSC-2538/10
FEATURES:
• Std. and A grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC package
FUNCTIONAL BLOCK DIAGRAM
IDT74FCT621T/AT
FAST CMOS
OCTAL BUS TRANSCEIVER
(OPEN DRAIN)
DESCRIPTION:
The IDT74FCT621T is an octal transceiver with non-inverting Open-
Drain bus compatible outputs in both send and receive directions. The B
bus outputs are capable of sinking 64mA providing very good capacitive
drive characteristics. These octal bus transceivers are designed for
asynchronous two-way communication between data buses. The control
function implementation allows for maximum flexibility in timing.
GBA
GAB
A1
B1
A2-A8
B2-B8
SEVEN OTHER TRANSCEIVERS
218
19
1


Similar Part No. - IDT74FCT621T_06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT621TD IDT-IDT74FCT621TD Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT74FCT621TDB IDT-IDT74FCT621TDB Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT74FCT621TE IDT-IDT74FCT621TE Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT74FCT621TEB IDT-IDT74FCT621TEB Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT74FCT621TL IDT-IDT74FCT621TL Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
More results

Similar Description - IDT74FCT621T_06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Intersil Corporation
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
CMOS Octal Bus Transceiver
June 2004
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com