| Electronic Components Datasheet Search |
|
PM6344 Datasheet(PDF) 1 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM6344 Datasheet(HTML) 1 Page - PMC-Sierra, Inc |
|
1 / 2 page ![]() PMC-950510 (R6) ©Ã1998 PMC-Sierra, Inc. October, 1998 PM6344 PMC-Sierra,Inc. Quad E1 Framer EQUAD FEATURES • Monolithic single-chip device which integrates four full-featured E1 framers and transmitters for terminating duplex E1 signals. • Frames to a G.704 2.048 Mbit/s signal. Frames to the signalling multiframe and to the CRC multiframe when enabled. • Supports HDB3 or AMI line codes. • Supports transfer of PCM and signalling data to/from 2.048 Mbit/s or 16.384 Mbit/s backplane buses. Supports n × DS0 backplane interface for fractional E1. • Provides Channel-Associated Signalling (CAS) extraction/insertion, programmable idle and digital milliwatt code substitution, and up to three multiframes of signalling debounce on a per-channel basis. • Provides trunk conditioning which forces programmable trouble code substitution and signalling conditioning on all/selected channels. • Provides an HDLC interface for terminating/generating a datalink. • Optionally extracts the datalink from timeslot 16 or from any combination of the national bits. • Software and functionally compatible with the PM6341 E1XC Single E1 Transceiver. Pin-compatible with the PM4344 TQUAD Quad T1 Framer. • Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring. • Low power 5 V CMOS technology. • Available in a rectangular 128-pin PQFP (14 by 20 mm) package. RECEIVE SECTION • Recovers clock and data using a digital PLL for high jitter tolerance. • Accepts/provides dual- or single-rail digital PCM inputs/outputs. Accepts gapped data streams to support higher rate demultiplexing. • Provides Loss Of Signal (LOS) detection, and indicates loss of frame alignment (OOF), loss of signalling multiframe, and loss of CRC multiframe. Indicates reception of remote alarm, remote multiframe alarm, Alarm Indication Signal (AIS) and timeslot 16 AIS. • Supports Line and Path performance monitoring according to ITU recommendations. Accumulators are provided for counting CRC-4 errors, Far-End Block Errors (FEBEs), frame sync errors, and Line Code Violations (LCVs). • Extracts the datalink. Extracts selected channels. • Provides a 2-frame elastic store buffer for jitter and wander attenuation. TRANSMIT SECTION • Optionally accepts/provides dual-rail digital PCM inputs/outputs. • Formats data to create a G.704 2.048 Mbit/s signal. Optionally inserts signalling multiframe alignment signal. Optionally inserts CRC multiframe structure including optional transmission of FEBEs. • Allows insertion of a datalink. Allows insertion of selected channels through a serial port. • Supports transmission of the AIS, timeslot 16 AIS, remote alarm, and remote multiframe alarm. • Provides a digital PLL for generation of a low jitter transmit clock. • Provides a FIFO buffer for jitter attenuation and transmit rate conversion. FIFO full or empty indication allows for bit-stuffing in higher rate multiplexing applications. APPLICATIONS • E1/E3 Multiplexers and Digital Private Branch Exchanges (PBXs) • E1 Frame Relay Interfaces • E1 ATM Interfaces • Fractional E1 Interfaces • Digital Access and Cross-Connect Systems (DACS) and Electronic DSX Cross-Connect Systems (EDSXs) • Digital Loop Carriers (DLCs) • E1 Channel Service Units (CSUs) and Data Service Units (DSUs) • ISDN Primary Rate Interfaces (PRI) • SDH Add/Drop Multiplexers (ADMs) BLOCK DIAGRAM Q8T8 Qr
puhryà 8
yyr
)à Tvthyyvtà DqyrÃDr
S9ISG8Wb )#d 7UTDB7U9Ib )#d 7U8GFb )#d HU8GF U8GFDb )#d 7UQ8H 7U9Qb )#dHU9 UPQT UvvtÃPv 5HFHLYHU 7UDQVPLWWHU U9IUAGBb )#d QHPI Qr
s
hprà Hv
à 8r
Y8GFW8GF U8GFPb )#d S8GFPb )#d HQDA Hvp
pr
Dr
shpr 6b()d S97 XS7 8T7 6G@ DIU7 STU7 9b&)d ÃÃÃÃÃÃUurrÃvthyÃh
rÃuh
rqÃirrrÃhyyÃrvtuÃs
hr
U9QU99b )#d S9GTDB S9GDIUb )#d S9G8GF S9G@PHb )#d S8GFDb )#d SAQb )#d 7SDA 7hpxyhr Srprvrà Dr
shpr 9E6U 9vtvhyÃEvr
6rh
7UAQb )#dHUAQ 7UAQb )#dHUAQ U9G8GF U9GV9Sb )#d U9GTDB U9GDIUb )#d 89S8 8ypxÃhqà 9hh Srpr
HS9 7STDB7S9Ib )#d 7SAQPb )#d 7SQ8H7S9Qb )#d PvhyÃQyhprr Dr
hyà 7 ÃÃÃÃPvhyÃprpvÃh
rÃuÃvuÃqhurqÃyvr S9QS99b )#d H@I7 7SAQDHSAQD 7S8GFHS8GF 9SDA 9T Srprvr Dr
shpr SA9G C9G8 Srprvr
ASHS A
hr
)Ã A
hrà 6yvtrà 6yh
9rrpv 7UDA 7hpxyhrà U
hvà Dr
shpr @GTU @yhvp T
r TDBY Tvthyyvtà @
hp
à U
xà 8qvv Y76T 7hvpÃU
hvr
)Ã A
hrÃBrr
hvà 6yh
ÃDr
v U
xÃ8qvvvt GvrÃ8qvt 9E6U 9vtvhyÃEvr
6rh
9UDA 9vtvhy U
hv Dr
shpr YA9G C9G8 U
hvr
|
Similar Part No. - PM6344 |
|
Similar Description - PM6344 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |