Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM7324 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7324
Description  S/UNI-ATM LAYER SOLUTION
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7324 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7324 Datasheet HTML 17Page - PMC-Sierra, Inc PM7324 Datasheet HTML 18Page - PMC-Sierra, Inc PM7324 Datasheet HTML 19Page - PMC-Sierra, Inc PM7324 Datasheet HTML 20Page - PMC-Sierra, Inc PM7324 Datasheet HTML 21Page - PMC-Sierra, Inc PM7324 Datasheet HTML 22Page - PMC-Sierra, Inc PM7324 Datasheet HTML 23Page - PMC-Sierra, Inc PM7324 Datasheet HTML 24Page - PMC-Sierra, Inc PM7324 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 473 page
background image
S/UNI-ATLAS
PM7324 S/UNI-ATLAS
DATASHEET
PMC-1971154
ISSUE 7
S/UNI-ATM LAYER SOLUTION
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC AND FOR ITS CUSTOMERS’ INTERNAL USE
13
Pin Name
Type
Pin
No.
Function
RRDENB[1]
RRDENB[2]
RRDENB[3]
RRDENB[4]
Output
U1
T4
T3
T2
The active low read enable (RRDENB[4:1]) outputs are used to
initiate the reading of cells from a PHY device into the Ingress
Input Cell Interface.
If the RPOLL pin is low, the ATLAS asserts one of the
RRDENB[4:1] outputs to transfer a cell from one of up to 4 PHY
devices. A valid word is expected on the RDAT[15:0] bus at the
second rising edge of RFCLK after one of the enables is
asserted. When all of the enables are deasserted, no valid data
is expected.
The RRDENB[4:1] outputs are updated on the rising edge of
RFCLK.
If the RPOLL pin is high, the RRDENB[4:2] pins are redefined as
RADDR[2:0]. The RRDENB[1] pin is used to transfer all cells.
The source PHY is selected by the RADDR[4:0] signals.
RADDR[4]
RADDR[3]
RADDR[2]
RADDR[1]
RADDR[0]
Output
R3
T1
T2
T3
T4
If the RPOLL pin is high, the RADDR[4:0] pins are used for PHY
addressing. If the RPOLL pin is low, the RADDR[4:0] pins are
redefined as RCA[3:2] and RRDENB[4:2].
If the RPOLL pin is high, the RADDR[4:0] signals are used to
address up to 32 PHY devices for the purposes of polling and
selection for cell transfer. When conducting polling, in order to
avoid bus contention, the ATLAS inserts gap cycles during which
RADDR[4:0] is set to 0x1F and RAVALID is logic 0. When this
occurs, no PHY device should drive RCA[1] during the following
clock cycle. Polling is performed in incrementing sequential
order. The PHY device selected for transfer is based on the
RADDR[4:0] value present when RRDENB[1] is falls. The
RADDR[4:0] bus is updated on the rising edge of RFCLK.
RAVALID
I/O
R4
If the RPOLL pin is high, the PHY Address Valid (RAVALID) pin is
active. If the RPOLL pin is low, the RAVALID pin is redefined as
RCA[4].
If the RPOLL pin is high, the RAVALID pin indicates that the
RADDR[4:0] bus is asserting a valid PHY address for polling
purposes. When this signal is deasserted, the RADDR[4:0] bus
is set to 0x1F.
RAVALID is not necessary when less than 32 PHY devices are
being polled. RAVALID is updated on the rising edge of RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com