Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M69KB128AA Datasheet(PDF) 9 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 5Page - STMicroelectronics M69KB128AA Datasheet HTML 6Page - STMicroelectronics M69KB128AA Datasheet HTML 7Page - STMicroelectronics M69KB128AA Datasheet HTML 8Page - STMicroelectronics M69KB128AA Datasheet HTML 9Page - STMicroelectronics M69KB128AA Datasheet HTML 10Page - STMicroelectronics M69KB128AA Datasheet HTML 11Page - STMicroelectronics M69KB128AA Datasheet HTML 12Page - STMicroelectronics M69KB128AA Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
M69KB128AA
1 Summary description
9/68
Figure 2.
Block Diagram
1.
This functional block diagram illustrates simplified device operation.
AI09965b
A22-A0
I/O
Buffers
8,192K x 16
Memory Array
K
WAIT
DQ0-DQ15
Address Decoder
Bus Configuration
Register (BCR)
Control
Logic
CR
L
UB
LB
W
E
G
Synchronous/
Asynchronous
Logic
CR
W
E
Row
Decoder
Column Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com