Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADL5961 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5961
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5961 Datasheet HTML 17Page - Analog Devices ADL5961 Datasheet HTML 18Page - Analog Devices ADL5961 Datasheet HTML 19Page - Analog Devices ADL5961 Datasheet HTML 20Page - Analog Devices ADL5961 Datasheet HTML 21Page - Analog Devices ADL5961 Datasheet HTML 22Page - Analog Devices ADL5961 Datasheet HTML 23Page - Analog Devices ADL5961 Datasheet HTML 24Page - Analog Devices ADL5961 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADL5961
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 34
CALIBRATION AND ERROR CORRECTION
The accuracy of S-parameter measurements is prone to a variety
of errors introduced by the hardware in VNAs. Systematic errors,
those that are repeatable and predictable, can be eliminated from
the measurement results using calibration and error correction
techniques. The types of systematic errors that can be eliminated
(to a certain extent) include the following:
►
Impedance mismatches
►
Gain and insertion loss differences between channels
►
Crosstalk between channels
Various error correction and calibration techniques have been de-
veloped over the years (see, for example, D. K. Rytting, "Network
Analyzer Accuracy Overview," 58th ARFTG Conference Digest,
2001, pp. 1-13, doi: 10.1109/ARFTG.2001.327486) that differ in
their effectiveness to eliminate certain errors, complexity, and cali-
bration standards used. The general principals that are applied,
however, are the same for all. The systematic errors are determined
by measuring the VNA response for a set of DUTs with accurately
known S-parameters, the calibration standards. Comparing the
measured S-parameters with the known S-parameters allows calcu-
lation of the error coefficients. These error coefficients, combined
into what is often referred to as an error adapter, can then be
used in a postprocessing step to calculate the error corrected
S-parameters from the measured S-parameters of an unknown
DUT. Figure 55 illustrates the concept.
Figure 55. Concept of Error Correction in VNAs
Different error correction techniques require the use of different
sets of calibration standards. Some of the most well known include
short, open, load, thru (SOLT), thru, reflect, line (TRL), and thru, re-
flect, match (TRM). The standards within a set are chosen to have
significantly different S-parameters, such that they span a large
area on the Smith chart. The calibration standards themselves, par-
ticularly the ones with extreme S-parameter values such as short
and open standards, are typically not completely ideal either and
usually include a manufacturer supplied model for the S-parameters
vs. frequency. In general, calibration standards can be subdivided
into the two following categories:
►
One-port calibration standards, measured at each VNA port
►
Two-port calibration standards, measured for each combination
of VNA ports
The calibration procedure for a VNA built from ADL5961 devices
is similar to that for any other VNA system. For maximum accura-
cy, it is important to note the frequencies used. Additionally, the
ADL5961 SPI gain, bandwidth, and frequency multiplier and/or
divider settings used during calibration must exactly match the
settings used during an actual DUT measurement. Calibrate the
VNA for multiple different configurations if the settings are expected
to be different during an actual measurement because gain and oth-
er settings are subject to device-to-device and channel-to-channel
spread (mismatch).
Although S-parameters are the result of a power ratio calculation
and, in principle, independent of absolute power levels, it is often
important to accurately control the RF source power vs. frequency
during a measurement. When the DUT exhibits nonlinearity across
the applied RF power levels, such as semiconductor devices, a
change in power level can result in a change of the DUT behavior
that affects the measurement accuracy. The ADL5961 forward IF
channel can be used to monitor the power levels in the RF signal
path, particularly when the port is terminated with 50 Ω, such as
during calibration of the system with a load standard. The conver-
sion gain of the ADL5961 itself does exhibit roll-off vs. frequency
as well, which must be taken into account to achieve an accurate
power measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com