Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM7385 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7385
Description  84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7385 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7385 Datasheet HTML 17Page - PMC-Sierra, Inc PM7385 Datasheet HTML 18Page - PMC-Sierra, Inc PM7385 Datasheet HTML 19Page - PMC-Sierra, Inc PM7385 Datasheet HTML 20Page - PMC-Sierra, Inc PM7385 Datasheet HTML 21Page - PMC-Sierra, Inc PM7385 Datasheet HTML 22Page - PMC-Sierra, Inc PM7385 Datasheet HTML 23Page - PMC-Sierra, Inc PM7385 Datasheet HTML 24Page - PMC-Sierra, Inc PM7385 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 244 page
background image
PM7385 FREEDM-84A672
DATA SHEET
PMC-1990114
ISSUE 6
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER
WITH ANY-PHY PACKET INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
12
Pin Name
Type
Pin
No.
Function
DPL
Input
AD1
The SBI DROP bus payload signal (DPL)
indicates valid data within the SBI TDM bus
structure. This signal is asserted during all
octets making up a tributary. This signal may
be asserted during the V3 or H3 octet within a
tributary to accommodate negative timing
adjustments between the tributary rate and
the fixed TDM bus structure. This signal may
be deasserted during the octet following the
V3 or H3 octet within a tributary to
accommodate positive timing adjustments
between the tributary rate and the fixed TDM
bus structure.
Multiple PHY devices can drive DPL at
uniquely assigned tributary column positions.
DPL is sampled on the rising edge of
REFCLK.
DV5
Input
AE4
The SBI DROP bus payload indicator signal
(DV5) locates the position of the floating
payloads for each tributary within the SBI
TDM bus structure. Timing differences
between the port timing and the TDM bus
timing are indicated by adjustments of this
payload indicator relative to the fixed TDM
bus structure.
Multiple PHY devices can drive DV5 at
uniquely assigned tributary column positions.
All movements indicated by this signal must
be accompanied by appropriate adjustments
in the DPL signal.
DV5 is sampled on the rising edge of
REFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com