Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F87 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F87
Description  Flash Memory Programming Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 6Page - Microchip Technology PIC16F87 Datasheet HTML 7Page - Microchip Technology PIC16F87 Datasheet HTML 8Page - Microchip Technology PIC16F87 Datasheet HTML 9Page - Microchip Technology PIC16F87 Datasheet HTML 10Page - Microchip Technology PIC16F87 Datasheet HTML 11Page - Microchip Technology PIC16F87 Datasheet HTML 12Page - Microchip Technology PIC16F87 Datasheet HTML 13Page - Microchip Technology PIC16F87 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PIC16F87/88
DS39607B-page 10
 2002 Microchip Technology Inc.
3.5
Erasing Program and Data
Memory
Depending on the state of the code protection bits,
program and data memory will be erased using
different methods. The first two commands are used
when both program and data memories are not code
protected. The third command is used when either
memory is code protected, or if you want to also erase
the code protect bits. A device programmer should
determine the state of the code protection bits and then
apply the proper command to erase the desired
memory.
3.5.1
ERASING PROGRAM AND
DATA MEMORY
When both program and data memories are not code-
protected, they can be individually erased by the
following ‘Bulk Erase’ commands. If it is desired to
erase both program and data memory with a single
command, the ‘Chip Erase’ command must be used
whether code protection is disabled or enabled
(detailed in Section 3.5.1.3 “Chip Erase”).
3.5.1.1
Bulk Erase Program Memory
When this command is performed, and is followed by
a ‘Begin Erase’ command, the entire program memory
will be erased.
If the address is pointing to user memory, only the user
memory will be erased.
If the address is pointing to the configuration memory
(2000h-2008h), then both the user memory and the
configuration memory will be erased. The configuration
words will not be erased, even if the address is pointing
to location 2007h.
Previously, a load data with 0FFh command was
recommended before any ‘Bulk Erase’. On these
devices, this will not be required.
The ‘Bulk Erase’ command is disabled when the CP
bit is programmed to ‘0’, enabling code-protect.
A timing diagram for this command is shown in
Figure 7-8.
3.5.1.2
Bulk Erase Data Memory
When this command is performed, and is followed by
a ‘Begin Erase’ command, the entire data memory will
be erased.
The ‘Bulk Erase Data’ command is disabled when the
CPD bit is programmed to ‘0’, enabling protected data
memory. A timing diagram for this command is shown
in Figure 7-9.
3.5.1.3
Chip Erase
This command, when performed, will erase the
program memory, EE data memory, and all of the code
protection bits. All on-chip Flash and EEPROM
memory is erased, regardless of the address contained
in the PC.
When a Chip Erase command is issued and the PC
points to (0000h-1FFFh), the configuration words
(2007h and 2008h) and the user program memory will
be erased. When a Chip Erase command is issued and
the PC points to (2000h-2008h), all of the configuration
memory, program memory, and data memory will be
erased.
The Chip Erase is internally self-timed to ensure that all
program and data memory are erased before the code
protect bits are erased. A timing diagram for this
command is shown in Figure 7-10.
3.5.2
ERASING CODE-PROTECTED
MEMORY
For the PIC16F87/88 devices, once code protection is
enabled, all protected program and data memory
locations read all '0's and further programming is
disabled. The ID locations and configuration words
read out unscrambled and can be reprogrammed
normally. The only command to erase a code-protected
PIC16F87/88 device is the ‘Chip Erase’. This erases
program memory, data memory, configuration bits and
ID locations, as described in Section 3.5.1.3 “Chip
Erase”. Since all data within the program and data
memory will be erased when this command is
executed, the security of the data or code is not
compromised.
Note:
All ‘Bulk Erase’ operations must take place
at the 4.5V to 5.5V VDD range.
Note:
The Chip Erase operation must take place
at the 4.5V to 5.5V VDD range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com