Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDCDB2000 Datasheet(PDF) 22 Page - Texas Instruments

Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCDB2000_V01 Datasheet HTML 18Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 19Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 20Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 21Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 22Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 23Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 24Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 25Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The CDCDB2000 is a fanout buffer that supports PCIe generation 4 and PCIe generation 5 REFCLK distribution.
It is used to create, and distribute, up to 20 copies of a typically 100-MHz clock.
8.2 Typical Application
Figure 8-1 shows a CDCDB2000 typical application. In this application, a clock generator provides a 100-MHz
reference to the CDCDB2000 which then distributes that clock to PCIe endpoints. The clock generator may be
a discrete clock generator like the LMK03328 or it may be integrated in a larger component such as a PCH or
application processor.
PCIe Gen 4-5
Clock
Generator
CDCDB2000
20x LP-HSCL Output Buffer
SMBus
Control
OE#
Control
LP-HCSL
PCIe PHY
PCIe PHY
PCIe PHY
PCIe PHY
LP-HCSL
20
PCIe PHY
PCIe PHY
PCIe Device
Side-Band
Interface
Control Interface
Figure 8-1. Typical Application
8.2.1 Design Requirements
Consider a typical server motherboard application which needs to distribute a 100-MHz PCIe reference clock
from the PCH of a processor chipset to multiple endpoints. An example of clock input and output requirements
is:
• Clock Input:
– 100-MHz LP-HCSL
• Clock Output:
– 2x 100-MHz to processors, LP-HCSL
– 2x 100-MHz to riser/retimer, LP-HCSL
– 2x 100-MHz to DDR memory controller, LP-HCSL
The section below describes the design procedure to configure the CDCDB2000 to output the frequencies for
the above scenario.
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com