Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC593LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC593LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC593LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5
5 - 177
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
LNA Broadband Gain & Return Loss
LNA Gain vs. Temperature
LNA Noise Figure vs. Temperature
-40
-30
-20
-10
0
10
20
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S21
S11
S22
FREQUENCY (GHz)
12
13
14
15
16
17
18
19
20
21
22
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
LNA - Gain, Noise Figure &
Power vs. Supply Voltage @ 3.5 GHz
14
15
16
17
18
19
20
0
0.5
1
1.5
2
2.5
3
4.5
5
5.5
Gain
P1dB
Noise Figure
Vdd (V)
LNA Gain vs. Vdd
LNA Noise Figure vs. Vdd
12
13
14
15
16
17
18
19
20
21
22
3.3
3.4
3.5
3.6
3.7
3.8
4.5V
5.0V
5.5V
FREQUENCY (GHz)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
3.3
3.4
3.5
3.6
3.7
3.8
4.5V
5.0V
5.5V
FREQUENCY (GHz)
HMC593LP3 / 593LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
v00.0407



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com