| Electronic Components Datasheet Search |
|
CDCDB2000 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCDB2000 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 35 page ![]() PWRGD PD# CKPWRGD_PD# VDD/VDD_A Figure 6-1. PWRGD and PD# State Changes 6.4.2 OE[12:5]# and SMBus Output Enables Each output channel, 0 to 19, can be individually enabled or disabled by SMBus control register bits, called SMB enable bits. Additionally, each output channel from 12 to 5 has a dedicated, corresponding, OE[12:5]# hardware pin. The OE[12:5]# pins are asynchronously asserted-low signals that may enable or disable the output. Refer to Table 6-2 for enabling and disabling outputs through the hardware and software. Note that both the SMB enable bit must be a ‘1’ and the OEx# pin must be an input low voltage ‘0’ for the output channel to be active. Table 6-2 is only valid when the SBEN signal is low (SBEN = 0). Table 6-2. OE[12:5]# Functionality When SBEN = 0 INPUTS OE[12:5]# HARDWARE PINS AND SMBus CONTROL REGISTER BITS PWRGD PD# CLKIN SMBus ENABLE BIT (byte[2:0]) OE[12:5]# CK[12:5] CK[19:13, 4:0] 0 X X X X LOW LOW 1 0 X X X Tristate Tristate 1 1 Running 0 X 0 0 1 1 Running 1 0 Running Running 1 1 Running 1 1 0 Running www.ti.com CDCDB2000 SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: CDCDB2000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |