Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1760 Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # AN1760
Description  Quick Start Guide 7280R3 and 7280R3A Series Data Center Switches
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

AN1760 Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button AN1760 Datasheet HTML 4Page - Arista Networks, Inc AN1760 Datasheet HTML 5Page - Arista Networks, Inc AN1760 Datasheet HTML 6Page - Arista Networks, Inc AN1760 Datasheet HTML 7Page - Arista Networks, Inc AN1760 Datasheet HTML 8Page - Arista Networks, Inc AN1760 Datasheet HTML 9Page - Arista Networks, Inc AN1760 Datasheet HTML 10Page - Arista Networks, Inc AN1760 Datasheet HTML 11Page - Arista Networks, Inc AN1760 Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Table 1: Switch Specifications (Dimensions and Weights)
Switch
Size (W x H x D)
Weight
DCS-7280R3 Series switches (1RU)
DCS-7280PR3-24
48.3 x 4.4 x 58.2 cm (19 x 1.75
x 23.6 inches)
12.7 kg (28.0 lbs.)
DCS-7280PR3K-24
48.3 x 4.4 x 58.2 cm (19 x 1.75
x 23.6 inches)
12.7 kg (28.0 lbs.)
DCS-7280DR3-24
48.3 x 4.4 x 57.4 cm (19 x 1.75
x 22.6 inches)
13.1 kg (29.0 lbs.)
DCS-7280DR3K-24
48.3 x 4.4 x 57.4 cm (19 x 1.75
x 22.6 inches)
13.1 kg (29.0 lbs.)
DCS-7280CR3-32P4
48.3 x 4.4 x 55.8 cm (19 x 1.75
x 22.0 inches)
12.3 kg (27.0 lbs.)
DCS-7280CR3K-32P4
48.3 x 4.4 x 55.8 cm (19 x 1.75
x 22.0 inches)
12.3 kg (27.0 lbs.)
DCS-7280CR3K-32P4A
48.3 x 4.4 x 55.8 cm (19 x 1.75
x 22.0 inches)
12.3 kg (27.0 lbs.)
DCS-7280CR3-32D4
48.3 x 4.4 x 55.8 cm (19 x 1.75
x 22.0 inches)
12.3 kg (27.0 lbs.)
DCS-7280CR3K-32D4
48.3 x 4.4 x 55.8 cm (19 x 1.75
x 22.0 inches)
12.3 kg (27.0 lbs.)
DCS-7280CR3K-32D4A
48.3 x 4.4 x 55.8 cm (19 x 1.75
x 22.0 inches)
12.3 kg (27.0 lbs.)
DCS-7280CR3-36S
48.3 x 4.4 x 47.2 cm (19 x 1.75
x 18.6 inches)
10.5 kg (23.0 lbs.)
DCS-7280CR3K-36S
48.3 x 4.4 x 47.2 cm (19 x 1.75
x 18.6 inches)
10.5 kg (23.0 lbs.)
DCS-7280CR3K-36A
48.3 x 4.4 x 47.2 cm (19 x 1.75
x 18.6 inches)
10.5 kg (23.0 lbs.)
DCS-7280SR3-48YC8
48.3 x 4.4 x 46.7 cm (19 x 1.75
x 18.4 inches)
9.2 kg (20.2 lbs.)
DCS-7280SR3K-48YC8
48.3 x 4.4 x 46.7 cm (19 x 1.75
x 18.4 inches)
9.2 kg (20.2 lbs.)
DCS-7280SR3K-48YC8A
48.3 x 4.4 x 46.7 cm (19 x 1.75
x 18.4 inches)
9.2 kg (20.2 lbs.)
DCS-7280SR3-40YC6
48.3 x 4.4 x 46.9 cm (19 x 1.75
x 18.5 inches)
10.7 kg (23.6 lbs.)
DCS-7280SR3E-40YC6
48.3 x 4.4 x 46.9 cm (19 x 1.75
x 18.5 inches)
9.0 kg (20.0 lbs.)
DCS-7280TR3-40C6
48.3 x 4.4 x 46.9 cm (19 x 1.75
x 18.5 inches)
9.6 kg (21.1 lbs.)
DCS-7280R3 Series switches (2RU)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com