Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F1108 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # F1108
Description  PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

F1108 Datasheet(HTML) 2 Page - Polyfet RF Devices

  F1108 Datasheet HTML 1Page - Polyfet RF Devices F1108 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F1108 POUTVSPIN F=400
MHZ; IDQ=0.8A; VDS=28.0V
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
PININ WATTS
9.50
10.50
11.50
12.50
13.50
14.50
15.50
POUT
GAIN
Efficiency = 55%
POUT VS PIN GRAPH
F1108
F1J 2 DICE CAPACITANCE
1
10
100
1000
0
5
10
15
20
25
30
VDS IN VOLTS
Coss
Ciss
Crss
F1J 2 DIE IV CU RVE
Vds in Volts
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
16
18
20
Vg = 2V
Vg = 4V
Vg = 6V
Vg = 8V
Vg = 10V
Vg = 12V
F1J2 DICE ID&GMVsVG
0.10
1.00
10.00
100.00
0
2
4
6
8
10
12
14
16
18
Vgs in Volts
Id
gM
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www .polyfet.com
CAPACITANCE VS VOLTAGE
IV CURVE
ID AND GM VS VGS
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
REVISION
8/1/97
Tolerance 0.XX +/- 0.01 0.XXX +/- 0.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com