Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADL5506 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5506
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5506 Datasheet HTML 14Page - Analog Devices ADL5506 Datasheet HTML 15Page - Analog Devices ADL5506 Datasheet HTML 16Page - Analog Devices ADL5506 Datasheet HTML 17Page - Analog Devices ADL5506 Datasheet HTML 18Page - Analog Devices ADL5506 Datasheet HTML 19Page - Analog Devices ADL5506 Datasheet HTML 20Page - Analog Devices ADL5506 Datasheet HTML 21Page - Analog Devices ADL5506 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADL5506
EVALUATION BOARD
analog.com
Rev. C | 21 of 22
Figure 51 shows the schematic of the ADL5506 evaluation board.
The board is powered by a single supply in the 2.5 V to 5.5 V
range. The power supply is decoupled by 100 pF and 0.1 µF
capacitors. Enable the device by switching SW1 to the on position.
The RF input has a broadband match of 50 Ω using a single 52.3
Ω resistor at R7. More precise matching at spot frequencies is
possible (see the Input Coupling Options section).
Table 6 details the various configuration options of the evaluation
board. Figure 52 shows the layout of the evaluation board.
LAND PATTERN AND SOLDERING
INFORMATION
Pad diameters of 0.20 mm are recommended with a solder mask
opening of 0.30 mm. For the RF input trace, a trace width of 0.30
mm is used, which corresponds to a 50 Ω characteristic impedance
for the dielectric material being used (FR4). All traces going to the
pads are tapered down to 0.15 mm. For the RFIN line, the length of
the tapered section is 0.20 mm.
Figure 51. Evaluation Board Schematic
Figure 52. Layout of Evaluation Board, Component Side
Table 6. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Ground and supply vector pins.
Not applicable
C1, C2, C5, C6, C7,
C8, C9
Power supply decoupling. Nominal supply decoupling of 0.1 µF and 100 pF.
C1, C6 = 100 pF (Size 0402), C2, C5,
C9 = 0.1 µF (Size 0402), C7 = C8 =
open (Size 0805)
R7
RF input interface. The 52.3 Ω resistor at R7 combines with the ADL5506 internal input impedance to give
a broadband input impedance of around 50 Ω.
R7 = 52.3 Ω (Size 0402)
C3, C4, R2, R3
Output filtering. The combination of the internal 100 Ω output resistance and C4 produce a low-pass filter
to reduce the output ripple of the VLOG output. The output can be scaled down using the resistor divider
pads, R2 and R3.
R3 = 0 Ω (Size 0402), R2 = open (Size
0402), C3, C4 = open (Size 0402)
SW1, R4, R10, P2
Device enable. When SW1 is set to the on position, the ENBL pin is connected to the supply and the
ADL5506 is in enable mode. When SW1 I set to the off position, the ENBL pin is grounded (through the 0
Ω resistor), putting the device in power-down mode.
R4 = 0 Ω (Size 0402), R10 = open
(Size 0402), SW1= on position, P2 = not
installed
P1, R1, R5, R6, R8,
R9
Alternate interface. The end connector, P1, allows access to various ADL5506 signals. These signal paths
are only used during factory test and characterization.
P1 = not installed, R1, R5, R6, R9 =
open (Size 0402), R8 = open (Size 0805)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com