Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PMP5 Datasheet(PDF) 2 Page - Power-One

Part # PMP5
Description  Rectifier Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PMP5 Datasheet(HTML) 2 Page - Power-One

  PMP5 Datasheet HTML 1Page - Power-One PMP5 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Model
PMP 5.24
PMP 5.48
PMP
5.24-110
PMP
5.48-110
Input
Voltage
195-276V AC single
phase, (44-66Hz)
93,5-148,5V AC single
phase, (44-66Hz)
Current
(max.)
<2.9A
<5.8A
Soft Start
<8A peak max. 5ms
<16A peak max. 5ms
Harmonics
EN 610555
Power Factor >0.99 at 50-100% load
Surge
Immunity
EN 61000-4-5
Fuse
T 3,15A
T6A
Connection
IEC-320/C14
EMC
EN 61000-6-2, EN 61000-6-3,
FCC Part 15 Class B
Output
Mechanical
Dimensions
62 x 129 x 232mm
(2.4 x 5.1 x 9.1in.)
Weight
1.5kg (3.3lbs.)
Cooling
Natural convection
Insulation
Reinforced insulation tested at:
4.25 kV DC primary-secondary,
2.12 kV DC primary-ground,
2.12 kV DC secondary ground
Enclosure
IP20
Mounting
In 19” subrack up to 6 modules
Other Technical Data
Model
PMP 5.24
PMP 5.48
PMP
5.24-110
PMP
5.48-110
Output
Voltage
22.5-28
VDC
45-56
VDC
22.5-28
VDC
45-56
VDC
Power (max.)
448W
448W
448W
448W
Current
(max.)
16A
8A
16A
8A
Efficiency
>87%
>89%
>85%
>87%
Tolerance
Vout +/- 1%
Transient
Response
+/- 5% at load variation 10-90% or 90-10%,
recovery time 10ms
Load Sharing
<5% of nominal current
Ripple
<100mV p-p (BW. 30MHz)
Psophometric
<2mV, according to CCITT norms
Connection
DIN 41612F
EMC
EN 61000-6-2, EN 61000-6-4
Safety
EN 60950
Protection
Short circuit proof, automatic
current limiting, selective
shutdown of modules at
excessive output voltage.
Indications
Green LED
Red LED
Red LED
Power ON
High output
voltage/ shutdown
Low voltage/
module failure
Audible
Noise
<35dBA
Operating
Temperature
-25 to +55°C
Storage
Temperature
-40 to +85°C
Radiated EMC
EN 61000-6-2, EN 61000-6-3,
FCC Part 15, Class B
Environment
Storage:
Transport:
Operation:
ETS 300 019-2-1
ETS 300 019-2-2
ETS 300 019-2-3
Note: All specifications are subject to change without notification.
www.power-one.com
11V0005-066 PMP 5 V3.0 RevD
PMP 5
Rectifier Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com