Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HLMP-AD85-RU000 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD85-RU000
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD85-RU000 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AD85-RU000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AlInGaP Red
InGaN Blue and Green
Figure 1. Relative intensity vs. wavelength
Figure 2. Forward current vs. forward voltage
Figure 3. Forward current vs. ambient temperature Figure 4. Relative luminous intensity vs. forward
current
Figure 5. Relative Intensity vs. Wavelength
Figure 6. Forward current vs. forward voltage.
Figure 7. Forward Current vs. Ambient Tempera-
ture.
WAVELENGTH – nm
1.0
0.5
0
600
700
650
550
0
40
20
VF - FORWARD VOLTAGE - V
0
3.0
1.5
2.0
2.5
10
30
50
1.0
0.5
0
10
20
30
40
50
60
0
20
40
60
80
100
TA- AMBIENT TEMPERATURE - oC
0
0
FORWARD CURRENT - mA
20
40
2.0
1.0
50
0.5
1.5
2.5
30
10
WAVELENGTH - nm
350
400
450
500
550
600
650
1.00
BLUE
0
0.80
0.60
0.40
0.20
GREEN
0
5
10
15
20
25
30
35
0
1
2
3
4
FORWARD VOLTAGE - V
0
0
TA – AMBIENT TEMPERATURE – °C
60
25
20
15
10
5
80
35
100
20
40
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com