Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HLMP-AD87-RU000 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD87-RU000
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD87-RU000 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AD87-RU000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
�
��otes:
1. ForAlInGaPRed,thethermalresistanceappliedtoLEDjunctiontocathodelead.ForInGa���lueandGreen,thethermalresistanceappliedtoLED
junctiontoanodelead.
�. ThedominantwavelengthλdisderivedfromtheChromaticityDiagramandrepresentsthecolorofthelamp.
3. Toleranceforeachcolorbinlimitis±0.�nm
�. Theradiantintensity,Ieinwatts/steradian,maybefoundfromtheequationIe=Iv/ηv,whereIvistheluminousintensityincandelasandηvisthe
luminousefficacyinlumens/watt.
�. he=jV/IFxVF,wherejVistheemittedluminousflux,IFiselectricalforwardcurrentandVFistheforwardvoltage.
Electrical/Optical Characteristics TA = 25oC
Parameters
Symbol
Value
Units
Test Condition
Min.
Typ.
Max.
Forwardvoltage
Red
Green
�lue
VF
�.0
�.8
�.8
�.�0
3.3
3.�
�.�0
3.8�
3.8�
V
IF=�0mA
ReverseVoltage
Red
Green
�lue
VR
�.0
�.0
�.0
V
IR=100mA
IR=10mA
IR=10mA
Thermalresistance[1]
RqJ-PI��
��0
oC/W
LEDJunction-to-pin
Dominantwavelength[�,3]
Red
Green
�lue
ld
6��
��0
�60
630
���
��0
63�
��0
�80
nm
IF=�0mA
Peakwavelength
Red
Green
�lue
lPEAK
639
�16
�6�
nm
Peakofwavelengthofspectral
distributionatIF=�0mA
Spectralhalfwidth
Red
Green
�lue
Dl1/�
1�
3�
�3
nm
Wavelengthwidthatspectral
distribution1/�powerpointatIF
=�0mA
LuminousEfficacy[�]
Red
Green
�lue
hv
1��
��0
��
lm/W
Emittedluminouspower/Emitted
radiantpower
LuminousFlux
Red
Green
�lue
jV
1300
3000
600
mlm
IF=�0mA
LuminousEfficiency[�]
Red
Green
�lue
he
30
�0
10
lm/W
LuminousFlux/ElectricalPower
IF=�0mA
��otes:
1. Deratelinearlyasshowninfigure3andfigure�.
�. Dutyfactor10%,frequency1KHz.
3. Dutyfactor30%,frequency1KHz.
Absolute Maximum Rating at TA = 25oC
Parameters
Blue and Green
Red
Unit
DCforwardcurrent[1]
30
�0
mA
Peakpulsedforwardcurrent
100[�]
100[3]
mA
Powerdissipation
116
1�0
mW
LEDjunctiontemperature
130
130
oC
Operatingtemperaturerange
-�0to+8�
-�0to+100
oC
Storagetemperaturerange
-�0to+100
-�0to+1�0
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com