Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STO-0809300-R-E1 Datasheet(PDF) 3 Page - Eravant

Part # STO-0809300-R-E1
Description  F-Band VNA Frequency Extender
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-0809300-R-E1 Datasheet(HTML) 3 Page - Eravant

  STO-0809300-R-E1 Datasheet HTML 1Page - Eravant STO-0809300-R-E1 Datasheet HTML 2Page - Eravant STO-0809300-R-E1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.80 20.3
ADJUSTABLE
4 x 0.63 15.9 TO 1.63[41.4] MAX
1.90 48.3
4X REMOVEABLE FEET
WR-08 WAVEGUIDE
W/UG-387/U-M PRECISION ANTI-COCKING FLANGE
TUNABLE MICROMETER
REMOVEABLE
3.75 95.3
5.00 127.0
6.26 159.0
2X COAX CONNECTOR
LEMO CONNECTOR
ON/OFF
Meas
LO In
3.26 82.8
2 x 2.70 68.6
2 x 0.90 22.9
4 x 10-32 UNF - 2B 0.250
FEET REMOVED TO SHOW MOUNTING LOCATIONS
Mechanical Outline
Unless otherwise specified, all dimensions are in inches [millimeters]
STO-0809300-R-E1
To complete a frequency extenion set, pair this Rx module with a compatible Tx/Ref or Tx/Rx
module listed in VNA Frequency Extenders page.
Eravant reserves the right to change the information presented without notice.
Exceeding absolute maximum ratings of the device will damage the extenders.
Proper torque, 8.0 ± 0.15 inch-pounds (0.90 ± 0.02 Nm), should be applied.
Eravant torque
wrench, model SCH-08008-S1, is highly recommended.
Any foreign objects in the waveguide will cause performance degradation or damage the device.
NOTE
CAUTION
www.eravant.com | 424-757-0168 | support@eravant.com
3/3
Copyright © 2023 by Eravant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com