Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD54HC160 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC160
Description  BCD SYNCHRONOUS DECADE COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC160 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC160 Datasheet HTML 3Page - Texas Instruments CD54HC160 Datasheet HTML 4Page - Texas Instruments CD54HC160 Datasheet HTML 5Page - Texas Instruments CD54HC160 Datasheet HTML 6Page - Texas Instruments CD54HC160 Datasheet HTML 7Page - Texas Instruments CD54HC160 Datasheet HTML 8Page - Texas Instruments CD54HC160 Datasheet HTML 9Page - Texas Instruments CD54HC160 Datasheet HTML 10Page - Texas Instruments CD54HC160 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
CD54HC160
CD54HC162
UNIT
CC
MIN
TYP
MAX
MIN
MAX
2 V
1.9
1.9
IOH = –20 mA
4.5 V
4.4
4.4
VOH
6 V
5.9
5.9
V
IOH = –4 mA
4.5 V
3.98
3.7
IOH = –5.2 mA
6 V
5.48
5.2
2 V
0.1
0.1
IOL = 20 mA
4.5 V
0.1
0.1
VOL
6 V
0.1
0.1
V
IOL = 4 mA
4.5 V
0.26
0.4
IOL = 5.2 mA
6 V
0.26
0.4
II
VI = VCC or GND
6 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
6 V
8
160
mA
CIN
10
10
pF
timing requirements over recommended operating free-air temperature range, VCC = 2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
CD54HC160
CD54HC162
UNIT
MIN
MAX
MIN
MAX
fmax
Maximum frequency
CLK
6
4
MHz
t
Pulse duration
CLK low
80
120
ns
tw
Pulse duration
CLR low (’160 only)
100
150
ns
Data (A, B, C, and D)
60
90
ENP, ENT
50
75
tsu
Setup time before CLK
LOAD low
60
90
ns
CLR (’162 only)
65
100
CLR high (’160 only)
75
110
Data (A, B, C, and D)
3
3
th
Hold time after CLK
ENP, ENT
0
0
ns
LOAD low
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com