Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACST8-8C Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST8-8C
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8C Datasheet(HTML) 7 Page - STMicroelectronics

  ACST8-8C Datasheet HTML 1Page - STMicroelectronics ACST8-8C Datasheet HTML 2Page - STMicroelectronics ACST8-8C Datasheet HTML 3Page - STMicroelectronics ACST8-8C Datasheet HTML 4Page - STMicroelectronics ACST8-8C Datasheet HTML 5Page - STMicroelectronics ACST8-8C Datasheet HTML 6Page - STMicroelectronics ACST8-8C Datasheet HTML 7Page - STMicroelectronics ACST8-8C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACST8-8C
7/8
ACS
T
8
-
8
C
FP
AC Switch
Topology: Triac
I8A
T(RMS):
V
800V
DRM:
I
C = 30mA
GT
Package
FP: TO-220FPAB
ORDERING INFORMATION
0
1
2
3
4
5
0.1
1.0
10.0
100.0
dV/dt (V/µs)
(dI/dt)c[(dV/dt)c] / Specified (dI/dt)c
Fig. 8: Relative variation of critical rate of decrease
of main current versus reapplied dV/dt (typical val-
ues).
0
1
2
3
4
5
6
0
25
50
75
100
125
Tj(°C)
(dI/dt)c[Tj] / (dI/dt)c[Tj=125°C]
Fig. 9: Relative variation of critical rate of decrease
of main current versus junction temperature.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
Tj(°C)
Vout=550V
dV/dt[Tj] / dV/dt[Tj = 125°C]
Fig. 10: Relative variation of static dV/dt versus
junction temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com