Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AR447PC Datasheet(PDF) 1 Page - Power Semiconductors

Part # AR447PC
Description  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR447PC Datasheet(HTML) 1 Page - Power Semiconductors

  AR447PC Datasheet HTML 1Page - Power Semiconductors AR447PC Datasheet HTML 2Page - Power Semiconductors AR447PC Datasheet HTML 3Page - Power Semiconductors AR447PC Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER DIODE
AR447PC
Repetitive voltage up to
2400 V
Mean forward current
2395 A
Surge current
18 kA
TARGET SPECIFICATION
lug 02 - ISSUE : 2
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
175
2400
V
V RSM
Non-repetitive peak reverse voltage
175
2500
V
I RRM
Repetitive peak reverse current
V=VRRM
175
50
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin, 50 Hz, Th=55°C, double side cooled
2395
A
I F (AV)
Mean forward current
180° sin, 50 Hz, Tc=85°C, double side cooled
2570
A
I FSM
Surge forward current
Sine wave, 10 ms
175
18
kA
I² t
I² t
without reverse voltage
1620 x 1E3
A²s
V FM
Forward voltage
Forward current =
1800 A
175
1.30
V
V F(TO)
Threshold voltage
175
0.85
V
r F
Forward slope resistance
175
0.260
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
175
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
21
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
7
°C/kW
T j
Operating junction temperature
-30 /
175
°C
F
Mounting force
11.8
/ 13.2
kN
Mass
90
g
ORDERING INFORMATION : AR447PC S 24
standard specification
VRRM/100
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO


Similar Part No. - AR447PC

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
AR40 FLEXTRAL-AR40 Datasheet
395Kb / 1P
Air/Water
V05.22
AR40-025RD FLEXTRAL-AR40-025RD Datasheet
395Kb / 1P
Air/Water
V05.22
AR40-025RDMMXF025-BR FLEXTRAL-AR40-025RDMMXF025-BR Datasheet
395Kb / 1P
Air/Water
V05.22
AR40-025RDMMXF050-BR FLEXTRAL-AR40-025RDMMXF050-BR Datasheet
395Kb / 1P
Air/Water
V05.22
AR40-025RDMMXF100-BR FLEXTRAL-AR40-025RDMMXF100-BR Datasheet
395Kb / 1P
Air/Water
V05.22
More results

Similar Description - AR447PC

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
logo
Rohm
1SR153-400 ROHM-1SR153-400_1 Datasheet
143Kb / 4P
Rectifier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com