Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
9
Preliminary Data Sheet
OPB
The OPB provides 32-bit address and data interfaces, and operates up to 100MHz. There are bridges between the
OPB and the PLB.
Features include:
• Pipelined read support
• Dynamic bus sizing
• Single-cycle data transfer between masters and slaves
DCR Bus
The daisy-chained DCR bus provides a path for passing status and control information between the processor core
and the other on-chip cores. All DCRs are 32 bits in width with 10-bit addressing.
External Bus Controller
The external bus controller (EBC and EBM ) transfers data between the PLB and external memory or peripheral
devices attached to the external peripheral bus. The EBC provides direct attachment of memory devices such as
ROM and SRAM, DMA device paced memory devices, and DMA peripheral devices.
Features include:
• From 60MHz to 100 MHz speed
• Data bus is 8, 16, or 32 bits with a 27-bit address bus
• Up to four chip selects
• Arbitration and multi-master supported
• Flash ROM interface
• Boot from EBC (including NAND Flash interface) support
• Direct support for 8-,16-, or 32-bit SRAM and external peripherals
• External bus master support
NAND Flash Controller
The NAND Flash controller (NDFC) provides a simple interface between the External Bus Controller (EBC) and a
variety of NAND Flash-based storage devices.
Features include:
• Attachment as internal EBC slave device
• Eight- and 16-bit NAND Flash interface
• Up to four banks of NAND Flash supported
• Device sizes of 4MB to 256MB (32Mb to 2Gb) supported
• 512B + 16B or 2kB + 64B device page sizes supported
• ECC generation - hamming code, single-bit correction, double-bit detection (SEC/DED)
• Eight-bit command write, address write, and data read/write
• Interrupt on device ready (after long page write or block erase operations)
• Boot from NAND
– Executes up to 4KB of boot code out of first block
– Automatic page read accesses performed based on device configuration and read address
DMA Controller
The Direct Memory Access (DMA) controller is a Processor Local Bus (PLB) master that enables faster data
transfer between memory and peripherals than is possible under program control. The 4-channel DMA controller
handles data transfers between memory and peripherals and from memory-to-memory. Each channel has an
independent set of registers needed for data transfer: a control register, a source address register, a destination
address register, and a transfer count register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com