Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB10LP-AZME Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3USB10LP-AZME
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB10LP-AZME Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3USB10LP-AZME Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB10LP-AZME Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB10LP-AZME Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB10LP-AZME Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB10LP-AZME Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB10LP-AZME Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB10LP-AZME Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB10LP-AZME Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PI3USB10LP-A
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
PS8858G
05/02/07
DESCRIPTION: 10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZL (ZL10)
DOCUMENT CONTROL #: PD-2052
REVISION: A
DATE: 03/20/06
TOP VIEW
BOTTOM VIEW
07-0096



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com