Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PPC440SP Datasheet(PDF) 58 Page - Applied Micro Circuits Corporation

Part # PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Datasheet(HTML) 58 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 62Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
PowerPC 440SP Embedded Processor
58
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
DDR SDRAM Interface
BA0:2
Bank Address supporting up to eight internal banks.
O
2.5(1.8)V
DDR SDRAM
BankSel0:1
Selects up to two external DDR SDRAM banks.
O
2.5(1.8)V
DDR SDRAM
CAS
Column Address Strobe.
O
2.5(1.8)V
DDR SDRAM
ClkEn0:1
Clock Enable. One for each external bank.
O
2.5(1.8)V
DDR SDRAM
DM0:8
Memory write data byte lane masks. MEMDM8 is the
byte lane mask for the ECC byte lane.
O
2.5(1.8)V
DDR SDRAM
DQS0:8
DQS0:8
Byte lane data strobe. DQS8 is the data strobe for the
ECC byte lane. These signals are differential pairs.
I/O
2.5(1.8)V
DDR SDRAM
DIFF
ECC0:7
ECC check bits 0:7.
I/O
2.5(1.8)V
DDR SDRAM
MemAddr14:00
Memory address bus.
Note:MemAddr14 is the most significant bit (msb).
O
2.5(1.8)V
DDR SDRAM
MemClkOut0:1
MemClkOut0:1
Subsystem clocks. These signals are differential pairs.
O
2.5(1.8)V
DDR SDRAM
DIFF
MemData63:00
Memory data bus.
Note:MemData63 is the most significant bit (msb).
I/O
2.5(1.8)V
DDR SDRAM
MemDCFdbkD
Feedback driver, for I/O timing measurements.
O
2.5(1.8)V
DDR SDRAM
MemDCFdbkR
Feedback receiver. Connect externally to
MemDCFdbkD.
I
2.5(1.8)V
DDR SDRAM
MemODT0:1
Memory on-die termination control.
O
2.5(1.8)V
DDR SDRAM
MemVRef0
Memory reference voltage (SVREF) input.
I
2.5(1.8)V
DDR SDRAM Volt Ref
Rcv
MemVRef1
Memory reference voltage (SVREF) supplemental input.
I
2.5(1.8)V
DDR SDRAM Volt Ref
Sup
RAS
Row Address Strobe.
O
2.5(1.8)V
DDR SDRAM
WE
Write Enable.
O
2.5(1.8)V
DDR SDRAM
Table 6. Signal Functional Description (Sheet 3 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com