Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PPC440EP Datasheet(PDF) 14 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 14 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 18Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
14
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Serial Peripheral Interface (SPI/SCP)
The Serial Peripheral Interface (also known as the Serial Communications Port) is a full-duplex, synchronous,
character-oriented (byte) port that allows the exchange of data with other serial devices. The SCP is a master on
the serial port supporting a 3-wire interface (receive, transmit, and clock), and is a slave on the OPB.
Features include:
• Three-wire serial port interface
• Full-duplex synchronous operation
• SCP bus master
• OPB bus slave
• Programmable clock rate divider
• Clock inversion
• Reverse data
• Local data loop back for test
Universal Serial Bus (USB)
The USB interfaces provide both device and host support for version 1.1 and device support for version 2.0.
Support for the USB 2.0 Transceiver Macrocell Interface (UTMI) specification is included.
Features include:
• USB 1.1 Host port with internal PHY
• USB 2.0 Device UTMI or USB 1.1 Device PHY
• Device support provides 6 end points (3 in, 3 out)
• 1024B FIFO (double buffering of 512B packets)
• FIFOs are not shared between in and out endpoints
• Endpoints do not support high-bandwidth isochronous transfers
• Two USB 2.0 device end points have DMA dedicated channels (DMA to PLB 128)
NAND Flash Controller
The NAND Flash controller provides a simple interface between the EBC and up to four separate external NAND
Flash devices. It provides both direct command, address, and data access to the external device as well as a
memory-mapped linear region that generates data accesses. NAND Flash device data appears on the peripheral
data bus.
Features include:
• 1 to 4 banks supported on EBC
• Direct Interfacing to:
– Discrete NAND Flash devices (up to 4 devices)
– SmartMedia Card socket (22-pins)
• Device sizes 4MB-256MB supported
• (512 + 16)-B or (2K + 64)-B device page sizes supported
• Boot-from-NAND: Execute a linear sequence of boot code out of single page of first block (512B)
• Support DMA to allow direct, no-processor-intervention block copy from NAND Flash to SDRAM
• ECC provides single-bit error correction and double-bit error detection in each 256B of stored data
• Chip selects shared with EBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com