Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VABF-S3-2-R2C2-C-10 Datasheet(PDF) 1 Page - Festo Corporation.

Part # VABF-S3-2-R2C2-C-10
Description  Regulator plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VABF-S3-2-R2C2-C-10 Datasheet(HTML) 1 Page - Festo Corporation.

  VABF-S3-2-R2C2-C-10 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Regulator plate
VABF-S3-2-R2C2-C-10
Part number: 543534
General operating condition
Data sheet
Feature
Value
Width
18 mm
Based on norm
ISO 15407-1
Mounting position
Any
Pneumatic vertical stacking
Pressure regulator for 2
Controller function
Outlet pressure constant
With secondary exhausting
Symbol
00991581
Optional pressure gauge
Possible
Pressure regulation range MPa
0.2 MPa ... 0.85 MPa
Pressure regulation range
2 bar ... 8.5 bar
Pressure regulation range psi
29 psi ... 123.25 psi
Inlet pressure 1
0.5 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Degree of protection
IP65
NEMA 4
Ambient temperature
-5 °C ... 50 °C
Product weight
245 g
Vertical stacking mounting type
On manifold sub-base
On individual sub-base
Pressure gauge connection
With retaining clamp
Note on materials
RoHS-compliant
Material of operator panel
PA
Controller housing material
Die-cast aluminum
1/2/25 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VABF-S3-2-R2C2-C-10

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VABF-S3-2-R2C2-C-6 FESTO-VABF-S3-2-R2C2-C-6 Datasheet
130Kb / 1P
Regulator plate
More results

Similar Description - VABF-S3-2-R2C2-C-10

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
560959 FESTO-560959 Datasheet
75Kb / 1P
Plate
8/4/22
576559 FESTO-576559 Datasheet
83Kb / 1P
End plate
8/7/22
576560 FESTO-576560 Datasheet
62Kb / 1P
End plate
8/7/22
576492 FESTO-576492 Datasheet
82Kb / 1P
Supply plate
8/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com