Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBPC1000 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KBPC1000
Description  Silicon-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC1000 Datasheet(HTML) 1 Page - Diotec Semiconductor

  KBPC1000 Datasheet HTML 1Page - Diotec Semiconductor KBPC1000 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC10 00...16 FP/WP KBPC15 00...16 FP/WP KBPC25 00...16 FP/WP
KBPC10 00...16 FP/WP
KBPC15 00...16 FP/WP
KBPC25 00...16 FP/WP
Silicon-Bridge-Rectifiers
Silizium-Brückengleichrichter
Version 2007-10-02
Type “FP“
Type “WP“
Dimensions - Maße [mm]
Nominal current
Nennstrom
10 / 15 / 25 A
Alternating input voltage
Eingangswechselspannung
35...1000 V
Plastic case with alu bottom
Plastikgehäuse mit Alu-Boden
Index “P“
Dimensions
Abmessungen
28.6 x 28.6 x 7.3 [mm]
Weight approx.
Gewicht ca.
17 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Marking (Example)
Bestempelung (Beispiel)
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type 1)
Typ 1)
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspg.
VRRM [V] 2)
KBPC1000
KBPC1500
KBPC2500
35
50
KBPC1001
KBPC1501
KBPC2501
70
100
KBPC1002
KBPC1502
KBPC2502
140
200
KBPC1004
KBPC1504
KBPC2504
280
400
KBPC1006
KBPC1506
KBPC2506
420
600
KBPC1008
KBPC1508
KBPC2508
560
800
KBPC1010
KBPC1510
KBPC2510
700
1000
KBPC1012
KBPC1512
KBPC2512
800
1200
KBPC1014
KBPC1514
KBPC2514
900
1400
KBPC1016
KBPC1516
KBPC2516
1000
1600
1
Add index “FP“ or “WP“, according to connector type – Je nach Anschlussversion ist der Index “FP“ oder “WP“ zu ergänzen
2
Valid per diode – Gültig pro Diode
© Diotec Semiconductor AG
http://www.diotec.com/
1
28.6±0.2
21.6±1
Ø 5.2
18.1±0.5
16.6
±0.5
6.7
+
7.3
+
==
28.6±0.2
min. 30
Ø 5.2
18±0.5
11.6
±0.5
+
7.3
+
=
=
KBPC
10
15
25
16
~


Similar Part No. - KBPC1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1000 WTE-KBPC1000 Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1000 JGD-KBPC1000 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC1000 WTE-KBPC1000 Datasheet
54Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC1000 ZSELEC-KBPC1000 Datasheet
388Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
KBPC1000 ASEMI-KBPC1000 Datasheet
127Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - KBPC1000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com